Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 12 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 8Page - SMSC Corporation CAP1114 Datasheet HTML 9Page - SMSC Corporation CAP1114 Datasheet HTML 10Page - SMSC Corporation CAP1114 Datasheet HTML 11Page - SMSC Corporation CAP1114 Datasheet HTML 12Page - SMSC Corporation CAP1114 Datasheet HTML 13Page - SMSC Corporation CAP1114 Datasheet HTML 14Page - SMSC Corporation CAP1114 Datasheet HTML 15Page - SMSC Corporation CAP1114 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
12
SMSC CAP1114
DATASHEET
Chapter 2 Pin Description
Figure 2.1 CAP1114 Pin Diagram (32-Pin QFN)
Table 2.1 Pin Description for CAP1114
PIN NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE
1
CS8
Capacitive Touch Sensor 8
AIO
2
CS9
Capacitive Touch Sensor 9
AIO
3
CS10
Capacitive Touch Sensor 10
AIO
4
CS11
Capacitive Touch Sensor 11
AIO
5
CS12
Capacitive Touch Sensor 12
AIO
6
CS13
Capacitive Touch Sensor 13
AIO
7
CS14
Capacitive Touch Sensor 14
AIO
1
2
3
4
5
6
7
24
23
22
21
20
19
18
CS8
CS9
CS10
CS11
CS12
CS13
CS14
LED10
LED9
SMCLK
ALERT
SMDATA
VDD
LED11
8
17
GND
RESET
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com