Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 65 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 65 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 61Page - SMSC Corporation CAP1114 Datasheet HTML 62Page - SMSC Corporation CAP1114 Datasheet HTML 63Page - SMSC Corporation CAP1114 Datasheet HTML 64Page - SMSC Corporation CAP1114 Datasheet HTML 65Page - SMSC Corporation CAP1114 Datasheet HTML 66Page - SMSC Corporation CAP1114 Datasheet HTML 67Page - SMSC Corporation CAP1114 Datasheet HTML 68Page - SMSC Corporation CAP1114 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
65
Revision 1.1 (02-04-11)
DATASHEET
capacitance associated with a touch. If the sensor input change exceeds the threshold settings, a
touch is detected.
When the BUT_LD_TH bit is set (see Section 6.27 - bit 7), writing data to the Sensor 1 Threshold
register will update all of the button threshold registers (31h - 36h inclusive).
When the GP_LD_TH bit is set (see Section 6.27 - bit 6), writing data to the Sensor 1 Threshold
register (30h) will update the Group Threshold register (37h) and the CS14 Threshold register (40h).
Individual button registers may be updated independently of the Sensor 1 Threshold settings. Similarly,
the Up and Down Threshold registers may be updated independently of the Group Threshold register.
6.29
Button Noise Threshold Registers
The Button Noise Threshold Registers control the value of a secondary internal threshold to detect
noise and improve the automatic recalibration routine. If a Capacitive Touch Sensor output exceeds
the Button Noise Threshold but does not exceed the sensor threshold, it is determined to be caused
by a noise spike. That sample is not used by the automatic re-calibration routine.
The Button Noise Threshold is proportional to the programmed threshold as shown in Table 6.42.
6.29.1
Button Noise Threshold 1 Register
The Button Noise Threshold 1 Register controls the noise threshold for Capacitive Touch Sensors 1-4.
Bits 7-6 - CH4_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 4.
Bits 5-4 - CH3_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 3.
Bits 3-2 - CH2_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 2.
Bits 1-0 - CH1_BN_TH[1:0] - Controls the noise threshold for Capacitive Touch Sensor 1.
Table 6.41 Button Noise Threshold Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
38h
R/W
Button Noise
Threshold 1
CS4_BN_TH
[1:0]
CS3_BN_TH
[1:0]
CS2_BN_TH
[1:0]
CS1_BN_TH
[1:0]
AAh
39h
R/W
Button Noise
Threshold 2
GR_BN_TH
[1:0]
CS7_BN_TH
[1:0]
CS6_BN_TH
[1:0]
CS5_BN_TH
[1:0]
AAh
Table 6.42 CSx_BN_TH Bit Decode
CSX_BN_TH[1:0]
THRESHOLD DIVIDE SETTING
10
0
0
6.25%
01
12.5%
1
0
25% (default)
11
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com