Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 76 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 72Page - SMSC Corporation CAP1114 Datasheet HTML 73Page - SMSC Corporation CAP1114 Datasheet HTML 74Page - SMSC Corporation CAP1114 Datasheet HTML 75Page - SMSC Corporation CAP1114 Datasheet HTML 76Page - SMSC Corporation CAP1114 Datasheet HTML 77Page - SMSC Corporation CAP1114 Datasheet HTML 78Page - SMSC Corporation CAP1114 Datasheet HTML 79Page - SMSC Corporation CAP1114 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
76
SMSC CAP1114
DATASHEET
Bit 5 - LED6_DN - Indicates that LED6 has finished its ramping behavior as determined by the
LED6_CTL bits.
Bit 4 - LED5_DN - Indicates that LED5 has finished its ramping behavior as determined by the
LED5_CTL bits.
Bit 3 - LED4_DN - Indicates that LED4 has finished its ramping behavior as determined by the
LED4_CTL bits.
Bit 2 - LED3_DN - Indicates that LED3 has finished its ramping behavior as determined by the
LED3_CTL bits.
Bit 1 - LED2_DN - Indicates that LED2 has finished its ramping behavior as determined by the
LED2_CTL bits.
Bit 0 - LED1_DN - Indicates that LED1 has finished its ramping behavior as determined by the
LED1_CTL bits.
6.39.2
LED Status 2
Bit 2 - LED11_DN - Indicates that LED11 has finished its ramping behavior as determined by the
LED3_CTL bits.
Bit 1 - LED10_DN - Indicates that LED10 has finished its ramping behavior as determined by the
LED2_CTL bits.
Bit 0 - LED9_DN - Indicates that LED9 has finished its ramping behavior as determined by the
LED1_CTL bits.
6.40
LED / GPIO Direction Register
The LED / GPIO Direction Register controls the data flow direction for the LED / GPIO pins. Each pin
is controlled by a single bit.
Bit 7 - LED8_DIR - Controls the direction of the LED8 / GPIO8 pin.
‘0’ (default) - The LED8 / GPIO8 pin is configured as an input and cannot be used to drive an LED.
‘1’ - The LED8 / GPIO8 pin is configured as an output.
Bit 6 - LED7_DIR - Controls the direction of the LED7 / GPIO7 pin.
Bit 5 - LED6_DIR - Controls the direction of the LED6 / GPIO6 pin.
Bit 4 - LED5_DIR - Controls the direction of the LED5 / GPIO5 pin.
Bit 3 - LED4_DIR - Controls the direction of the LED4 / GPIO4 pin.
Bit 2 - LED3_DIR - Controls the direction of the LED3 / GPIO3 pin.
Bit 1 - LED2_DIR - Controls the direction of the LED2 / GPIO2 pin.
Bit 0 - LED1_DIR - Controls the direction of the LED1 / GPIO1 pin.
Table 6.59 LED / GPIO Direction Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
70h
R/W
LED / GPIO
Direction
LED8_
DIR
LED7_
DIR
LED6_
DIR
LED5_
DIR
LED4_
DIR
LED3_
DIR
LED2_
DIR
LED1_
DIR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com