Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 27 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 23Page - SMSC Corporation CAP1114 Datasheet HTML 24Page - SMSC Corporation CAP1114 Datasheet HTML 25Page - SMSC Corporation CAP1114 Datasheet HTML 26Page - SMSC Corporation CAP1114 Datasheet HTML 27Page - SMSC Corporation CAP1114 Datasheet HTML 28Page - SMSC Corporation CAP1114 Datasheet HTML 29Page - SMSC Corporation CAP1114 Datasheet HTML 30Page - SMSC Corporation CAP1114 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
27
Revision 1.1 (02-04-11)
DATASHEET
5.4.8
RF Noise Detection
Each sensor also contains an integrated RF noise detector. This block will detect injected RF noise on
the CS pin. The detector threshold is dependent upon the noise frequency. If RF noise is detected on
a CS line, that sample is removed and not compared against the threshold.
5.5
Grouped Sensor Behavior
The CAP1114 Grouped sensors (CS8 - CS14) can be configured to function as a single entity that
operates differently than the individual button sensors (for ungrouped behavior see Section 5.6). When
configured as a group these sensors function as a slider and offer three different interface functions
associated with it. These functions are Tap, Press and Hold, or a Slide.
For purposes of a Tap or Press and Hold event, the “DOWN” side of the Grouped sensors are defined
as CS8, CS9 and CS10. The “UP” side of the Grouped Sensors are defined as CS12, CS13, and
CS14. CS11 is neither “UP” nor “DOWN” and a tap or press and hold event on CS11 will not cause
either UP or DOWN status bits to be set.
For purposes of a slide, the “DOWN” direction is decreasing in CS channel number. Conversely, the
“UP” direction is increasing in CS number.
APPLICATION NOTE: The Grouped Sensors will cause either the UP or DOWN status bits to be set but not both
at the same time. In the case that a sensor on both the “UP” side of the slider and the
“DOWN” side of the slider are touched simultaneously, neither the UP nor DOWN status bits
will be set.
5.5.1
Tap
If a touch on any Grouped sensor is detected and held for less than or equal to the M_PRESS bit
settings (default 245ms), a group press is detected, the TAP bit is set, and an interrupt is generated.
Furthermore, the relative position on the slider is determined and the appropriate UP or DOWN status
bits are set and the appropriate LED is actuated.
No further action is taken. If a slide is subsequently detected, the TAP status bit is cleared.
5.5.2
Press and Hold
If a touch on any Grouped sensor is held for longer than the M_PRESS bit settings (default 245ms),
a Group Touch is detected and an interrupt is generated. Furthermore, the relative position on the
slider is determined and the appropriate UP or DOWN status bits are set, the PH bit is set, and the
appropriate LED is actuated.
So long as the Grouped sensor is held, it will flag an interrupt at the programmed repeat rate (as
determined by the RPT_RATE_PH bit settings) indefinitely. Once the touch has been removed, the
Group is returned to its normal operating condition.
The M_PRESS setting is important to distinguish between Tap, Press & Hold and Sliding. If M_PRESS
is set too low, a Press & Hold may be detected during a slow slide. This will cause user confusion as
the Slide direction and LED may change. Longer M_PRESS settings will ensure that the 3 Group
behaviors are reliably distinct and will add more delay prior to the Press & Hold repeat interrupt
generation.
5.5.3
Slider
The Grouped sensors have the capability to detect a slide in either the “UP” or “DOWN” direction as
referenced by the sensor numbers that are used. For example, an “Up” direction slide would be
detected if CS8 detected a touch, followed by CS9, then by CS10, etc. Likewise, a “Down” direction
slide would be detected if CS10 detected a touch, followed by CS9, then by CS8, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com