Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 31 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 27Page - SMSC Corporation CAP1114 Datasheet HTML 28Page - SMSC Corporation CAP1114 Datasheet HTML 29Page - SMSC Corporation CAP1114 Datasheet HTML 30Page - SMSC Corporation CAP1114 Datasheet HTML 31Page - SMSC Corporation CAP1114 Datasheet HTML 32Page - SMSC Corporation CAP1114 Datasheet HTML 33Page - SMSC Corporation CAP1114 Datasheet HTML 34Page - SMSC Corporation CAP1114 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
31
Revision 1.1 (02-04-11)
DATASHEET
Figure 5.5 Press and Hold Interrupt Behavior
Touch Detected
ALERT Pin /
INT bit
PH Status
SMBus Write to
INT bit
Polling Cycle
(35ms)
M_PRESS
Setting (280ms)
UP / DOWN Status
Repeat Rate
(RPT_RATE_PH - 175ms)
Held longer than
M_PRESS Setting
Repeat Rate
(RPT_RATE_PH - 175ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com