Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 90 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 90 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 86Page - SMSC Corporation CAP1114 Datasheet HTML 87Page - SMSC Corporation CAP1114 Datasheet HTML 88Page - SMSC Corporation CAP1114 Datasheet HTML 89Page - SMSC Corporation CAP1114 Datasheet HTML 90Page - SMSC Corporation CAP1114 Datasheet HTML 91Page - SMSC Corporation CAP1114 Datasheet HTML 92Page - SMSC Corporation CAP1114 Datasheet HTML 93Page - SMSC Corporation CAP1114 Datasheet HTML 94Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
90
SMSC CAP1114
DATASHEET
Bits 5 - 3 - PULSE2_CNT[2:0] - Determines the number of pulses used for the Pulse 2 behavior as
shown in Table 6.75. The default is 100b.
Bits 2 - 0 - PULSE1_CNT[2:0] - Determines the number of pulses used for the Pulse 1 behavior as
shown in Table 6.75.
6.53
LED Pulse and Breathe Duty Cycle Registers
The LED Pulse and Breathe Duty Cycle Registers determine the minimum and maximum duty cycle
settings used for the LED for each LED behavior. These settings affect the brightness of the LED when
it is fully off and fully on.
The LED driver duty cycle will ramp up from the minimum duty cycle to the maximum duty cycle and
back down again.
APPLICATION NOTE:
When operating in Direct behavior mode, changes to the Duty Cycle settings will be applied
immediately. When operating in Breathe, Pulse 1, or Pulse 2 modes, the LED must be
unactuated and then re-actuated before changes to behavior are processed.
Bits 7 - 4 - LED_X_MAX_DUTY[3:0] - Determines the maximum PWM duty cycle for the LED drivers
as shown in Table 6.77.
Table 6.75 PULSE_CNT Decode
PULSEX_CNT[2:0]
NUMBER OF BREATHS
21
0
00
0
1
00
1
2
01
0
3
01
1
4
1
0
0
5 (default)
10
1
6
11
0
7
11
1
8
Table 6.76 LED Period and Breathe Duty Cycle Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
90h
R/W
LED Pulse 1
Duty Cycle
LED_P1_MAX_DUTY[3:0]
LED_P1_MIN_DUTY[3:0]
F0h
91h
R/W
LED Pulse 2
Duty cycle
LED_P2_MAX_DUTY[3:0]
LED_P2_MIN_DUTY[3:0]
F0h
92h
R/W
LED Breathe
Duty Cycle
LED_BR_MAX_DUTY[3:0]
LED_BR_MIN_DUTY[3:0]
F0h
93h
R/W
Direct Duty
Cycle
LED_DR_MAX_DUTY[3:0]
LED_DR_MIN_DUTY[3:0]
F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com