Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 59 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 59 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 55Page - SMSC Corporation CAP1114 Datasheet HTML 56Page - SMSC Corporation CAP1114 Datasheet HTML 57Page - SMSC Corporation CAP1114 Datasheet HTML 58Page - SMSC Corporation CAP1114 Datasheet HTML 59Page - SMSC Corporation CAP1114 Datasheet HTML 60Page - SMSC Corporation CAP1114 Datasheet HTML 61Page - SMSC Corporation CAP1114 Datasheet HTML 62Page - SMSC Corporation CAP1114 Datasheet HTML 63Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
59
Revision 1.1 (02-04-11)
DATASHEET
Bit 6 - GPIO7_INT_EN - Enables the interrupt pin to be asserted if the GPIO7 status bit has been set.
Bit 5 - GPIO6_INT_EN - Enables the interrupt pin to be asserted if the GPIO6 status bit has been set.
Bit 4 - GPIO5_INT_EN - Enables the interrupt pin to be asserted if the GPIO5 status bit has been set.
Bit 3 - GPIO4_INT_EN - Enables the interrupt pin to be asserted if the GPIO4 status bit has been set.
Bit 2 - GPIO3_INT_EN - Enables the interrupt pin to be asserted if the GPIO3 status bit has been set.
Bit 1 - GPIO2_INT_EN - Enables the interrupt pin to be asserted if the GPIO2 status bit has been set.
Bit 0 - GPIO1_INT_EN - Enables the interrupt pin to be asserted if the GPIO1 status bit has been set.
6.22
Sleep Channel Control Register
The Sleep Channel Control Register determines which sensors are sampled when the device is placed
into the Sleep state.
APPLICATION NOTE: If this register is updated while the device is in the Sleep state, the conversion cycle may be
extended or for the first measurement of the new Capacitive Touch Sensors. It will correct
itself on subsequent measurement cycles.
APPLICATION NOTE: If this register is updated while the device is in the Sleep state, it is recommended to force
a recalibration routine on newly activated channels.
Bit 7 - GR_SLEEP - Enables the Grouped sensors to be sampled when the device is placed into the
Sleep state.
‘0’ (default) - Grouped Sensors are not sampled when the device is in the Sleep state.
‘1’ - The Grouped Sensors are sampled when the device is in Sleep mode. If a tap, slide, or touch
and hold is detected, the appropriate status bit is set and an interrupt generated. Individual sensors
will be enabled via the Group Sensor Enable register.
Bit 6 - S7_SLEEP - Enables the CS7 sensor to be sampled when the device is placed into sleep mode.
‘0’ (default) - The CS7 input is not sampled when the device is in the Sleep state
‘1’ - The CS7 input is sampled when the device is in Sleep mode. If a touch is detected, the status
bit is set and an interrupt generated.
Bit 5 - S6_SLEEP - Enables the CS6 sensor to be sampled when the device is placed into the Sleep
state.
Bit 4 - S5_SLEEP - Enables the CS5 sensor to be sampled when the device is placed into the Sleep
state.
Bit 3 - S4_SLEEP - Enables the CS4 sensor to be sampled when the device is placed into the Sleep
state.
Bit 2 - S3_SLEEP - Enables the CS3 sensor to be sampled when the device is placed into the Sleep
state.
Bit 1 - S2_SLEEP - Enables the CS2 sensor to be sampled when the device is placed into the Sleep
state.
Table 6.30 Sleep Channel Control Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
29h
R/W
Sleep Channel
Control
GR_
SLEEP
S7_
SLEEP
S6_
SLEEP
S5_
SLEEP
S4_
SLEEP
S3_
SLEEP
S2_
SLEEP
S1_
SLEEP
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com