Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 43 Page - SMSC Corporation

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button CAP1114 Datasheet HTML 39Page - SMSC Corporation CAP1114 Datasheet HTML 40Page - SMSC Corporation CAP1114 Datasheet HTML 41Page - SMSC Corporation CAP1114 Datasheet HTML 42Page - SMSC Corporation CAP1114 Datasheet HTML 43Page - SMSC Corporation CAP1114 Datasheet HTML 44Page - SMSC Corporation CAP1114 Datasheet HTML 45Page - SMSC Corporation CAP1114 Datasheet HTML 46Page - SMSC Corporation CAP1114 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1114
43
Revision 1.1 (02-04-11)
DATASHEET
6.2.2
Button Status 2
Bit 7 - CS14 - Indicates that press was detected on Sensor 14. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 6 - CS13 - Indicates that press was detected on Sensor 13. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 5 - CS12 - Indicates that press was detected on Sensor 12. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 4 - CS11 - Indicates that press was detected on Sensor 11. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 3 - CS10 - Indicates that press was detected on Sensor 10. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 2 - CS9 - Indicates that press was detected on Sensor 9. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 1 - CS8 - Indicates that press was detected on Sensor 8. This sensor is part of the group which
can be linked to LED9 and LED10.
Bit 0 - CS7 - Indicates that a press was detected on Sensor 7. This sensor can be linked to LED7.
6.3
Build Revision Register
The Build Revision Register indicates hardware defined settings that are used.
6.4
Slider Position / Volumetric Data Register
The Slider Position / Volumetric Data Register indicates the absolute position of a Tap, Slide, or Press
and Hold event detected on the Grouped sensors (slider). Alternately, the register stores volumetric
data that increases or decreased based on detected operations on the Grouped sensors (slider).
APPLICATION NOTE: When the device enters the Deep Sleep state, the Slider Position / Volumetric Data Register
(06h) is cleared.
Bits 6-0 - POS[6:0] - Indicate absolute position or volumetric data as determined by the POS_VOL bit
(see Section 6.14).
Table 6.4 Build Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
05h
R
Build Revision
-
-
-
Build4
Build3
Build2
Build1
Build0
10h
Table 6.5 Slider Position / Volumetric Data Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
06h
R-C /
R/W
Slider Position /
Volumetric Data
-
POS[6:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com