Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 28Page - Infineon Technologies AG TLE9832 Datasheet HTML 29Page - Infineon Technologies AG TLE9832 Datasheet HTML 30Page - Infineon Technologies AG TLE9832 Datasheet HTML 31Page - Infineon Technologies AG TLE9832 Datasheet HTML 32Page - Infineon Technologies AG TLE9832 Datasheet HTML 33Page - Infineon Technologies AG TLE9832 Datasheet HTML 34Page - Infineon Technologies AG TLE9832 Datasheet HTML 35Page - Infineon Technologies AG TLE9832 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
TLE9832
Functional Description
Data Sheet
32
Rev. 1.1, 2012-03-08
3.8
Interrupt System
The TLE9832 supports 14 interrupt vectors with four priority levels. Eleven of these interrupt vectors are assigned
to the on-chip peripherals: Timer 0, Timer 1, UART, SSC and A/D Converter are each assigned to one dedicated
interrupt vector; while Timer2, Timer21, MDU, LIN and the Capture/Compare Unit share six interrupt vectors.
Two interrupt vectors are assigned to the external interrupts. External interrupts 0 to 1 are each assigned to one
dedicated interrupt vector, external interrupt 2 shares on interrupt vector with Timer21 and the MDU.
One interrupt vector is dedicated to the XINT interrupt events whose interrupt flags are also located in registers in
XSFR area.
A non-maskable interrupt (NMI) with the highest priority is shared by the following:
•
Watchdog Timer, warning before overflow
•
MI_CLK Watchdog Timer overflow event
•
PLL, loss of lock
•
Flash, on operation complete, e.g. erase.
•
OCDS, on user IRAM event
•
Oscillator watchdog detection for too low oscillation of
f
OSC
•
Flash map error
•
Uncorrectable ECC error on Flash, XRAM and IRAM
•
VSUP supply pre warning when any supply voltage drops below or exceeds any threshold.
Figure 14, Figure 15, Figure 16, Figure 17 and Figure 18 give a general overview of the interrupt sources and
nodes, and their corresponding control and status flags. Figure 19 gives the corresponding overview for the NMI
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com