Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 75Page - Infineon Technologies AG TLE9832 Datasheet HTML 76Page - Infineon Technologies AG TLE9832 Datasheet HTML 77Page - Infineon Technologies AG TLE9832 Datasheet HTML 78Page - Infineon Technologies AG TLE9832 Datasheet HTML 79Page - Infineon Technologies AG TLE9832 Datasheet HTML 80Page - Infineon Technologies AG TLE9832 Datasheet HTML 81Page - Infineon Technologies AG TLE9832 Datasheet HTML 82Page - Infineon Technologies AG TLE9832 Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
79
Rev. 1.1, 2012-03-08
5.8
Measurement Unit
5.8.1
Analog Digital Converter 8-Bit
5.8.2
Measurement Unit (VBAT_SENSE - Supply Voltage Attenuator)
Table 30
DC Specifications ADC 8 Bit
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Resolution
–
–
8
–
Bit
–
P_5.8.1
Offset error
–
-10
4
+10
mV
–
P_5.8.2
Gain single-ended input mode GSE
–
1
–
–
P_5.8.3
Input voltage single-ended
mode
V
ainp,Vainn 0–
V
DD1V5_A
V
–
P_5.8.4
Gain differential input mode
GDF
1.24
–
–
–
P_5.8.5
Common input voltage in
differential mode
V
icm
0.5
0.6
V
DDP/2
+0.1
–Vicm=(Vainp +
Vainn)/2
P_5.8.6
Gain error
–
-5
1.5
+5
%FSR
–
P_5.8.7
Differential nonlinearity (DNL)
–
-1.5
0.5
+1.5
LSB
–
P_5.8.8
Integral Nonlinearity (INL)
–
-3
±1.5
3
LSB
–
P_5.8.9
Table 31
Supply voltage signal conditioning
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.
Battery Voltage Measurement
V
BAT_SENSE
Nominal operating input
voltage range1)
V
S/BAT_SENSE
3
–
20
V
Max. value corresponds
to typ. ADC full scale input
P_5.8.10
Measurement input
resistance
R
in,VS/VBAT_SENS
E
200
289
380
kΩ
PD_N=1 (on-state)
P_5.8.11
Measurement input
leakage current
I
leak
0
–
1.0
µA
PD_N=0 (off-state),
VBAT_SENSE=13.5V
P_5.8.12
Overall (calibrated) measurement accuracy after A/D-conversion2)
VBAT_SENSE / Vs 8-bit ADC ∆VBATADC8B
-250
–
250
mV
V
s= 5.5V to 18V,
T
j = 40..85°C
P_5.8.13
VBAT_SENSE / Vs 10-bit ADC ∆VBATADC10B
-200
–
200
mV
V
s= 5.5V to 18V,
T
j = 40..85°C
P_5.8.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com