Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 83Page - Infineon Technologies AG TLE9832 Datasheet HTML 84Page - Infineon Technologies AG TLE9832 Datasheet HTML 85Page - Infineon Technologies AG TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG TLE9832 Datasheet HTML 88Page - Infineon Technologies AG TLE9832 Datasheet HTML 89Page - Infineon Technologies AG TLE9832 Datasheet HTML 90Page - Infineon Technologies AG TLE9832 Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
87
Rev. 1.1, 2012-03-08
Output Slew Rate (falling)
with Slew Rate Control
SR
fall_w_SR
-10
–
-1
V/µs 90% to 10% of
V
S
V
S = 9 to 18V
R
L =300Ω
1)
P_5.11.9
Output Slew Rate (rising)
without Slew Rate Control
SR
raise_w/o_SR 25
–
60
V/µs 10% to 90% of
V
S
V
S = 9 to 18V
R
L =300Ω
1)
P_5.11.10
Output Slew Rate (falling)
without Slew Rate Control
SR
fall_w/o_SR
–30
–
-10
V/µs 90% to 10% of
V
S
V
S = 9 to 18V
R
L =300Ω
1)
P_5.11.11
Turn ON Delay time
t
IN-HS
–
–
3
µs
ON = 1 to 10% of
V
S
R
L =300Ω
P_5.11.12
Turn ON time
t
ON
1
–
15
µs
V
S =13.5V
HS_ON=1 to 90% of
V
S
R
L =300Ω
T
j =25°C
P_5.11.13
Turn OFF time
t
OFF
1
–
15
µs
V
S =13.5V
HS_ON= 0 to 10% of
V
S
R
L =300Ω;
T
j =25°C
P_5.11.14
Load current limitation
Ishort
-1.2
–
–
A
1) VS =27V, VHS=0V,
max duration 200 µs
P_5.11.15
Over-current detection
Overcurrent threshold 0
I
octh0
4–
18
mA
1) HSx_OC_SEL =00
P_5.11.16
Overcurrent threshold 0
hysteresis
I
octh0,hyst
2–
5
mA
1) HSx_OC_SEL =00
P_5.11.17
Overcurrent threshold 1
I
octh1
50
–
75
mA
HSx_OC_SEL =01
P_5.11.18
Overcurrent threshold 1
hysteresis
I
octh1,hyst
5–
15
mA
1) HSx_OC_SEL =01
P_5.11.19
Overcurrent threshold 2
I
octh2
100
–
150
mA
HSx_OC_SEL =10
P_5.11.20
Overcurrent threshold 2
hysteresis
I
octh2,hyst
10
–
30
mA
1) HSx_OC_SEL =10
P_5.11.21
Overcurrent threshold 3
I
octh3
150
–
220
mA
HSx_OC_SEL =11
P_5.11.22
Overcurrent threshold 3
hysteresis
I
octh3,hyst
20
–
50
mA
1) HSx_OC_SEL =11
P_5.11.23
Overall over-current filter time
t
ocft
8–
80
µs
1) VS =13.5V,
R
L =100Ω, HS_ON to
OC_SD (including switch-
on time)
P_5.11.24
ON-state open load detection
Open load threshold
I
OLONth
4–
18
mA
1) OL_EN = 1; HS_ON = 1 P_5.11.25
Table 39
Electrical Characteristics (cont’d)
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com