| Electronic Components Datasheet Search |
|
TLE9832 Datasheet(PDF) 44 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9832 Datasheet(HTML) 44 Page - Infineon Technologies AG |
|
44 / 94 page ![]() TLE9832 Functional Description Data Sheet 44 Rev. 1.1, 2012-03-08 3.14 Capture/Compare Unit 6 (CCU6) The CCU6 unit is made up of a Timer T12 block with three capture/compare channels and a Timer T13 block with one compare channel. The T12 channels can independently generate PWM signals or accept capture triggers, or they can jointly generate control signal patterns to drive AC-motors or inverters. A rich set of status Bits, synchronized updating of parameter values via shadow registers, and flexible generation of interrupt request signals provide means for efficient software-control. Note: The capture/compare module itself is named CCU6 (capture/compare unit 6). A capture/compare channel inside this module is named CC6x. Timer 12 Block Features • Three capture/compare channels, each channel can be used either as capture or as compare channel • Generation of a three-phase PWM supported (six outputs, individual signals for High Side and Low Side Switches) • 16-Bit resolution, maximum count frequency = peripheral clock • Dead-time control for each channel to avoid short-circuits in the power stage • Concurrent update of T12 registers • Center-aligned and edge-aligned PWM can be generated • Single-shot mode supported • Start can be controlled by external events • Capability of counting external events • Multiple interrupt request sources • Hysteresis-like control mode Timer 13 Block Features • One independent compare channel with one output • 16-Bit resolution, maximum count frequency = peripheral clock • Concurrent update of T13 registers • Can be synchronized to T12 • Interrupt generation at period-match and compare-match • Single-shot mode supported • Start can be controlled by external events • Capability of counting external events |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |