Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 67Page - Infineon Technologies AG TLE9832 Datasheet HTML 68Page - Infineon Technologies AG TLE9832 Datasheet HTML 69Page - Infineon Technologies AG TLE9832 Datasheet HTML 70Page - Infineon Technologies AG TLE9832 Datasheet HTML 71Page - Infineon Technologies AG TLE9832 Datasheet HTML 72Page - Infineon Technologies AG TLE9832 Datasheet HTML 73Page - Infineon Technologies AG TLE9832 Datasheet HTML 74Page - Infineon Technologies AG TLE9832 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
71
Rev. 1.1, 2012-03-08
5.5
Parallel Ports (GPIO)
5.5.1
Functional Range
5.5.2
DC Parameters
These parameters apply to the IO voltage range, 4.5 V ≤
V
DDP ≤ 5.5 V.
Note: Operating Conditions apply.
Keeping signal levels within the limits specified in this table ensures operation without overload conditions.
For signal levels outside these specifications, also refer to the specification of the overload current
I
OV.
Table 25
Functional Range
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Output current on any pin
I
OH , IOL
––
20
mA
1) 2)
1) One of these limits must be kept.
2) Not subject to production test, specified by design
P_5.5.1
Max output current for all GPIOs
I
max
––
60
mA
1) 2)
P_5.5.2
Table 26
DC Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.
Input low voltage
(all except XTAL1)
V
IL
-0.3
–
0.3 x
V
DDP
V
–
P_5.5.3
Input high voltage
(all except XTAL1)
V
IH
0.7 x
V
DDP
–
V
DDP + 0.3
V
–
P_5.5.4
Input Hysteresis1)
HYS
0.11 x
V
DDP
–
–
V
Series resistance
= 0 Ω
P_5.5.5
Output low voltage
V
OL
––
1.0
V
2) I
OL ≤ IOLmax
P_5.5.6
Output low voltage
V
OL
––
0.4
V
2) I
OL ≤
3) I
OLnom
P_5.5.7
Output high voltage4)
V
OH
V
DDP - 1.0
–
–
V
2) I
OH ≥ IOHmax
P_5.5.8
Output high voltage
V
OH
V
DDP - 0.4
–
–
V
2)3) I
OH ≥ IOHnom
P_5.5.9
Input leakage current
(Port 2)
I
OZ1
-400
–
+400
nA
T
J ≤ 85°C,
0 V <
V
IN < VDDP
P_5.5.10
Input leakage current
(all other)5)
I
OZ2
-5
–
+5
µA
T
J ≤ 85°C,
0.45 V <
V
IN
<
V
DDP
P_5.5.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com