Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 3Page - Infineon Technologies AG TLE9832 Datasheet HTML 4Page - Infineon Technologies AG TLE9832 Datasheet HTML 5Page - Infineon Technologies AG TLE9832 Datasheet HTML 6Page - Infineon Technologies AG TLE9832 Datasheet HTML 7Page - Infineon Technologies AG TLE9832 Datasheet HTML 8Page - Infineon Technologies AG TLE9832 Datasheet HTML 9Page - Infineon Technologies AG TLE9832 Datasheet HTML 10Page - Infineon Technologies AG TLE9832 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
TLE9832
Summary of Features
Data Sheet
7
Rev. 1.1, 2012-03-08
1.2
Abbreviations
The following acronyms and terms are used within this document. List see in Table 2.
Table 2
Acronyms
Acronyms
Name
ALU
Arithmetic Logic Unit
CCU6
Capture Compare Unit 6
CGU
Clock Generation Unit
CMU
Cyclic Management Unit
DAP
Device Access Port
DPP
Data Post Processing
ECC
Error Correction Code
EEPROM
Electrically Erasable Programmable Read Only Memory
GPIO
General Purpose Input Output
FSR
Full Scale Range
ICU
Interrupt Control Unit
IRAM
Internal Random Access Memory - Internal Data Memory
LDO
Low DropOut voltage regulator
LIN
Local Interconnect Network
LSB
Least Significant Bit
MCU
Micro Controller Unit
MDU
Multiplication Division Unit
MMC
Monitor Mode Control
MSB
Most Significant Bit
NMI
Non Maskable Interrupt
OCDS
On Chip Debug Support
OTP
One Time Programmable
OSC
Oscillator
PC
Program Counter
PCU
Power Control Unit
PD
Pull Down
PGU
Power supply Generation Unit
PLL
Phase Locked Loop
PMU
Power Management Unit
PSW
Program Status Word
PU
Pull Up
PWM
Pulse Width Modulation
RAM
Random Access Memory
RCU
Reset Control Unit
RMU
Reset Management Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com