Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 85Page - Infineon Technologies AG TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG TLE9832 Datasheet HTML 88Page - Infineon Technologies AG TLE9832 Datasheet HTML 89Page - Infineon Technologies AG TLE9832 Datasheet HTML 90Page - Infineon Technologies AG TLE9832 Datasheet HTML 91Page - Infineon Technologies AG TLE9832 Datasheet HTML 92Page - Infineon Technologies AG TLE9832 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
89
Rev. 1.1, 2012-03-08
5.12
Low Side Switches
5.12.1
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
5.12.2
Electrical Characteristics
Table 40
Functional Range
T
j = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition Number
Min.
Typ.
Max.
Nominal Operating Voltage
V
S
5.5
–
27
V
–
P_5.12.1
PWM Frequency of LS
f
PWM
––251)
1) referring to a 47ohm series resistor to charge an external power mos gate
kHz
2)
2) Not subject to production test, specified by design
P_5.12.2
Table 41
Electrical Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.
Overcurrent Limitation
I
LSTyp
175
250
325
mA
P_5.12.3
ON-State Resistance 150°C
R
ON
––
10
Ω
V
S > 5.5 V, Ids =100mA,
T
j = 150°C
P_5.12.4
ON-State Resistance 25°C
–
4
–
Ω
T
j = 25°C
P_5.12.5
Leakage Current
I
leakage
––
2
µA
0 V <
V
LS < VS;
T
j < 85°C
P_5.12.6
Turn ON Delay time, slow mode
t
dOn-LS
––
50
µs
1) LS_ON=1 to 0.9*Vs
V
S=13.5V, RL =270Ω
P_5.12.7
Turn ON Delay time, PWM mode
t
dOn,f-LS
–
–
0.5
µs
LS_ON=1 to 0.9*Vs
V
S=13.5V, RL =270Ω
P_5.12.8
Turn ON fall time, PWM mode
t
ONF,PWM
–1
1.25
µs
V
LS 0.9*Vs to 0.1*Vs
V
S=13.5V, RL =270Ω
P_5.12.9
Turn ON fall time, slow mode
t
ONF,Slow
–
100
150
µs
1) VLS 0.9*Vs to 0.1*Vs
VS=13.5V, RL =270Ω
P_5.12.10
Turn OFF Delay time, slow mode
t
dOff-LS
––
50
µs
1) LS_ON=0 to 0.1*Vs
V
S=13.5V, RL =270Ω
P_5.12.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com