Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG TLE9832 Datasheet HTML 88Page - Infineon Technologies AG TLE9832 Datasheet HTML 89Page - Infineon Technologies AG TLE9832 Datasheet HTML 90Page - Infineon Technologies AG TLE9832 Datasheet HTML 91Page - Infineon Technologies AG TLE9832 Datasheet HTML 92Page - Infineon Technologies AG TLE9832 Datasheet HTML 93Page - Infineon Technologies AG TLE9832 Datasheet HTML 94Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
TLE9832
Revision History
Data Sheet
92
Rev. 1.1, 2012-03-08
7
Revision History
Revision
Date
Changes
1.1
2012-03-08
Editorial Changes
1.1
2012-03-08
Added full package name (VQFN-48-22)
1.1
2012-03-08
Table 4: VDD1V5P: Power Mode configurations: added comment: "Power Down
Supply"
1.1
2012-03-08
Table 5: Description of PMU Submodules: PMU-CYCMU description added and
PMU-CMU changed from “cyclic” to “clock” management
1.1
2012-03-08
Table 30: Changed Value Max. from parameter “Common input voltage in
differential mode” from
V
DD to VDDP
1.1
2012-03-08
Table 23: Changed Value Min. from parameter “Input voltage (amplitude) on
XTAL1” from
0.3xV
DDI to 0.3xVDDP
1.1
2012-03-08
Table 41: for “Turn ON..., Turn OFF...” Parameters changed Test condition from
R
L =1kΩ to RL =270Ω
1.1
2012-03-08
Table 14:
- Removed “max” from the symbol suffixes
- Corrected Symbol of Parameter “Input voltage at LIN” from
V
MONx to VLIN
1.1
2012-03-08
Table 41: Parameter “Overcurrent Limitation”:
- Renamed Parameter from “Typical on-state current” to “Overcurrent Limitation”.
- Added min. (175mA) and max (325mA) values
- Removed Parameter “Overcurrent threshold accuracy”. This information is
added in the “Note/Test” Condition of the Parameter ”Overcurrent Limitation”
1.1
2012-03-08
Table 19:
- Renamed Parameter “Output Current” to “Specified Output Current”
- Renamed Parameter “Output Capacitance” to “Required Output Capacitance”
1.1
2012-03-08
Table 20:
- Renamed Parameter “Output Current” to “Specified Output Current”
- Renamed Parameter “Output Capacitance” to “Required Output Capacitance”
- Parameter “Dynamic Line Regulation”: Correct typo in “Note/Test Condition”
from
V
DDC to VDDP
- Parameter “Output Voltage including line regulation @ Stop Mode”: Value Max.
changed from 1.01 to 1.15
1.1
2012-03-08
Figure 31: Application Diagram updated
1.1
2012-03-08
Figure 29: Modul Block Diagram updated (replaced 500mA by 250mA)
1.1
2012-03-08
Table 27: Change “Maximum Output Current” to “Nominal Output Current” in third
row
1.1
2012-03-08
Table 14: Added “Output voltage VDDP” for
t < 100ms, in Stop Mode only
1.1
2012-03-08
Chapter 4.1: Added disclaimer note
1.1
2012-03-08
Table 11: Changed value CVDDEXT of blocking capacitor at VDDEXT pin to100nF
(from 10nF)
1.1
2012-03-08
Table 11 and Table 12: Changed headline from “External Component
Requirements” to “External Component Recommendation”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com