Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 39Page - Infineon Technologies AG TLE9832 Datasheet HTML 40Page - Infineon Technologies AG TLE9832 Datasheet HTML 41Page - Infineon Technologies AG TLE9832 Datasheet HTML 42Page - Infineon Technologies AG TLE9832 Datasheet HTML 43Page - Infineon Technologies AG TLE9832 Datasheet HTML 44Page - Infineon Technologies AG TLE9832 Datasheet HTML 45Page - Infineon Technologies AG TLE9832 Datasheet HTML 46Page - Infineon Technologies AG TLE9832 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
TLE9832
Functional Description
Data Sheet
43
Rev. 1.1, 2012-03-08
3.13
Timer 3
Timer 3 can function as timer or counter. When functioning as a timer, Timer 3 is incremented in periods based
on the system clock. When functioning as a counter, Timer 3 is incremented in response to a 1-to-0 transition
(falling edge) at its respective input. Timer 3 can be configured in four different operating modes to use in a variety
of applications, see Table 8.
Table 8
Timer 3 Modes
Mode
Sub-Mode
Operation
0
-
13-Bit Timer
The timer is essentially an 8-Bit counter with a divide-by-32 prescaler. This mode is
included solely for compatibility with Intel 8048 devices.
1
a
16-Bit Timer
The timer registers, TLx and THx, are concatenated to form a 16-Bit counter.
1
b
16-Bit Timer
The timer registers, TLx and THx, are concatenated to form a 16-Bit counter, which is
triggered by the PWM Unit to enable a single shot measurement on a preset channel with
the measurement unit.
1
c
16-Bit Timer
The timer registers, TLx and THx, are concatenated to form a 16-Bit counter, which is
triggered by the PWM Unit to enable the LIN Baudrate Measurement.
2
-
8-Bit Timer with Auto-reload
The timer register TLx is reloaded with a user-defined 8-Bit value in THx upon overflow.
3
a
Timer 3 operates as Two 8-Bit Timers
The timer registers, TL3 and TH3, operate as two separate 8-Bit counters.
3
b
Timer 3 operates as Two 8-Bit Timers
The timer registers, TL3 and TH3, operate as two separate 8-Bit counters. In this mode the
100 kHz Low Power Clock can be measured. TL3 acts as an edge counter for the clock
edges and TH3 as an counter which counts the time between the edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com