Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE9832 Datasheet HTML 1Page - Infineon Technologies AG TLE9832 Datasheet HTML 2Page - Infineon Technologies AG TLE9832 Datasheet HTML 3Page - Infineon Technologies AG TLE9832 Datasheet HTML 4Page - Infineon Technologies AG TLE9832 Datasheet HTML 5Page - Infineon Technologies AG TLE9832 Datasheet HTML 6Page - Infineon Technologies AG TLE9832 Datasheet HTML 7Page - Infineon Technologies AG TLE9832 Datasheet HTML 8Page - Infineon Technologies AG TLE9832 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
TLE9832
Summary of Features
Data Sheet
5
Rev. 1.1, 2012-03-08
1
Summary of Features
•
High performance XC800 core
– compatible to standard 8051 core
– up to 40 MHz clock frequency
– two clocks per machine cycle architecture
– two data pointers
•
On-chip memory
– 32 kByte + 4 kByte Flash for program code and data (4 kByte EEPROM emulation built-in)
– 512 Byte One Time Programmable Memory (OTP)
– 512 Byte 100 Time Programmable Memory (100TP)
– 256 Byte RAM, 3 kByte XRAM
– BootROM for startup firmware and Flash routines
•
Core logic supply at 1.5 V
•
On-chip OSC and PLL for clock generation
– Loss of clock detection with fail safe mode for power switches
•
Watchdog timer (WDT) with programmable window feature for refresh operation and warning prior to overflow
•
General-purpose I/O Port (GPIO) with wake-up capability
•
Multiplication/division unit (MDU) for arithmetic calculation
•
Software libraries to support floating point and MDU calculations
•
Five 16-Bit timers - Timer 0, Timer 1, Timer 2, Timer 21 and Timer 3
•
Capture/compare unit for PWM signal generation (CCU6) with Timer 12 and Timer 13
•
Full duplex serial interface (UART) with LIN support
•
Synchronous serial channel (SSC)
•
On-chip debug support via 2-wire Device Access Port (DAP)
•
LIN Bootstrap loader (LIN BSL)
•
LIN transceiver compliant to LIN 1.3, LIN 2.0 and LIN 2.1
•
2 x Low Side Switches with clamping capability incl. PWM functionality, e.g. as relay driver
•
1x High Side Switch with cyclic sense option and PWM functionality, e.g. for LED or powering of switches
•
5 x High Voltage Monitor Input pins for wake-up and with cyclic sense and analog measurement option
•
Measurement unit with 10 channels, 8-Bit A/D Converter (ADC2) and data post processing
•
8 channels, 10-Bit A/D Converter (including battery voltage and supply voltage measurement) (ADC1)
•
Single power supply from 3.0 V to 27 V
•
Low-dropout voltage regulators (LDO)
•
Dedicated 5 V voltage regulator for external loads (e.g. hall sensor)
•
Programmable window watchdog (WDT1) with independent on-chip clock source
•
Power saving modes
– MCU slow-down mode
– Stop Mode
– Sleep Mode
– Cyclic wake-up and cyclic sense during Stop Mode and Sleep Mode
•
Power-on and undervoltage/brownout reset generator
•
Overtemperature protection
•
Overcurrent protection with shutdown
•
Supported by a full range of development tools including C compilers, macro assembler packages, emulators,
evaluation boards, HLL debugger, programming tools, software packages
•
Temperature Range TJ: -40 °C up to 150 °C
•
Packages TLE9832QV: VQFN-48-22 and TLE9832QX: VQFN-48-29
•
Green package (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com