| Electronic Components Datasheet Search |
|
TLE9832 Datasheet(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9832 Datasheet(HTML) 11 Page - Infineon Technologies AG |
|
11 / 94 page ![]() TLE9832 General Device Information Data Sheet 11 Rev. 1.1, 2012-03-08 P0.5 25 I/O I/PU MRST_0 EXINT0_0 T21EX_2 T1 CCPOS2_1 COUT60_0 SSC master receive input / slave transmit output External interrupt input 0 Timer 21 external trigger input Timer 1 input CCU6 hall input 2 CCU6 capture/compare channel 0 output P1 Port 1 Port 1 is an 5-Bit bidirectional general purpose I/O port. Alternate functions can be assigned as follows: CCU6, Timer 0, Timer 1 Timer 21, SSC, external interrupt input and clock output. P1.0 14 I/O I T0_1 CC61_0 SCK_1 EXF21_3 Timer 0 input CCU6 capture/compare channel 1 input/output SSC clock input (for slave) / output (for master) Timer 21 external flag output P1.1 15 I/O I T1_1 MTSR_1 T21EX_3 COUT61_0 Timer 1 input SSC master transmit output/slave receive input Timer 21 external trigger input CCU6 capture/compare channel 1 output P1.2 16 I/O I EXINT0_1 T21_1 MRST_1 CCPOS2_2 COUT63_0 External interrupt input 0 Timer 21 input SSC master receive input/slave transmit output CCU6 hall input 2 CCU6 capture/compare channel 3 output P1.3 39 I/O I EXINT1_1 CC62_0 CCPOS0_2 EXF21_1 External interrupt input 1 CCU6 capture/compare channel 2 input/output CCU6 hall input 0 Timer 21 external flag output P1.4 26 I/O I EXINT2_1 T21EX_1 CCPOS1_2 CLKOUT_1 COUT62_0 External interrupt input 2 Timer 21 external trigger input CCU6 hall input 1 Clock output CCU6 capture/compare channel 2 output P2 Port 2 Port 2 is an 5-Bit general purpose input-only port. Alternate functions can be assigned as follows: CCU6, Timer 0, Timer 1, Timer 21 and external interrupt input It is also used as analog inputs for the 10-Bit ADC (ADC1). P2.1 37 I I AN1 CCPOS0_0 EXINT1_0 T12HR_1 CC61_1 ADC1 analog input channel 1 CCU6 hall input 0 External interrupt input 1 CCU6 Timer 12 hardware run input CCU6 capture/compare channel 1 input Table 3 Pin Definitions and Functions (cont’d) Symbol Pin Number Type Reset State Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |