Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 49Page - Infineon Technologies AG TLE9832 Datasheet HTML 50Page - Infineon Technologies AG TLE9832 Datasheet HTML 51Page - Infineon Technologies AG TLE9832 Datasheet HTML 52Page - Infineon Technologies AG TLE9832 Datasheet HTML 53Page - Infineon Technologies AG TLE9832 Datasheet HTML 54Page - Infineon Technologies AG TLE9832 Datasheet HTML 55Page - Infineon Technologies AG TLE9832 Datasheet HTML 56Page - Infineon Technologies AG TLE9832 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
TLE9832
Functional Description
Data Sheet
53
Rev. 1.1, 2012-03-08
3.21
High Voltage Monitor Input
This module is dedicated to monitor external voltage levels above or below a specified threshold or it can be used
to detect a wake-up event at each high-voltage MON_IN pin in low-power mode. Each input is sensitive to an input
level monitoring. It is available when the module is switched to Active Mode via the MON_int (internal signal name)
output with a small filter delay of typical 2 µs.
Features
•
High-voltage input with VS/2 threshold voltage
•
Edge sensitive wake capability for power saving modes
•
Level sensitive wake-up feature configurable for transitions from low to high, high to low or both directions
•
MON inputs can also be evaluated with ADC1 in Active Mode, using adjustable threshold values (see also
Chapter 3.20).
Figure 27
Monitoring Input Block Diagram
MONx
VS
MON_int
Filter
MONx
Logic
XSFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com