Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 18Page - Infineon Technologies AG TLE9832 Datasheet HTML 19Page - Infineon Technologies AG TLE9832 Datasheet HTML 20Page - Infineon Technologies AG TLE9832 Datasheet HTML 21Page - Infineon Technologies AG TLE9832 Datasheet HTML 22Page - Infineon Technologies AG TLE9832 Datasheet HTML 23Page - Infineon Technologies AG TLE9832 Datasheet HTML 24Page - Infineon Technologies AG TLE9832 Datasheet HTML 25Page - Infineon Technologies AG TLE9832 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
TLE9832
Functional Description
Data Sheet
22
Rev. 1.1, 2012-03-08
3.1.1
Voltage Regulator 5.0V (VDDP)
This module represents the 5 V voltage regulator, which serves as pad supply for the parallel port pins and other
5 V analog functions.
Features
•
5 V low-drop voltage regulator
•
Current limitation
•
Overcurrent monitoring and shutdown with MCU signalling (Interrupt)
•
Overvoltage monitoring with MCU signalling (Interrupt)
•
Undervoltage monitoring with MCU signalling (Interrupt)
•
Preregulator for VDDC regulator
•GPIO supply
•
Pull-down current source at the output for Sleep Mode (100 μA)
The output capacitor CVDDP is mandatory to ensure a proper regulator functionality.
Figure 6
Module Block Diagram of VDDP Voltage Regulator
5V LDO
VDDP-5V
Supervision
VS
CVS
CVDDP
VDDP Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com