Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 57Page - Infineon Technologies AG TLE9832 Datasheet HTML 58Page - Infineon Technologies AG TLE9832 Datasheet HTML 59Page - Infineon Technologies AG TLE9832 Datasheet HTML 60Page - Infineon Technologies AG TLE9832 Datasheet HTML 61Page - Infineon Technologies AG TLE9832 Datasheet HTML 62Page - Infineon Technologies AG TLE9832 Datasheet HTML 63Page - Infineon Technologies AG TLE9832 Datasheet HTML 64Page - Infineon Technologies AG TLE9832 Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
61
Rev. 1.1, 2012-03-08
5
Electrical Characteristics
This chapter includes all relevant Electrical Characteristics of the product TLE9832.
5.1
General Characteristics
5.1.1
Absolute Maximum Ratings
Table 14
Absolute Maximum Ratings 1)
T
j = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.
Voltages Supply Pins
Supply voltage VS
V
S
-0.3
–
40
V
–
P_5.1.1
Voltage VDDP
V
DDP
-0.3
–
5.5
V
–
P_5.1.2
Voltage VDDP
V
DDP
-0.3
–
6.0
V
t < 100ms, in Stop
Mode only
P_5.1.50
Output voltage VDDEXT
V
DDEXT
-0.3
–
5.5
V
–
P_5.1.3
Voltage VDDC
V
DDC
-0.3
–
1.6
V
–
P_5.1.4
Voltages High Voltage Pins
Battery Voltage VBAT_SENSE
V
BAT_SENSE
-27
–
40
V
–
P_5.1.5
Output voltage HS
V
HS
-0.3
–
40
V
–
P_5.1.6
Input voltage at LIN
V
LIN
-27
–
40
V
–
P_5.1.7
Input voltage MON_x
V
MON_X_maxrate -40
–
40
V
–
P_5.1.8
Input voltage LS
V
LS
-0.3
–
40
V
–
P_5.1.9
Voltages GPIOs
Voltage on any port pin
V
in
-0.3
–
V
DDP
+0.3
V
V
IN < 5.4V
P_5.1.10
Voltages Others
Input voltage VAREF
V
AREF
-0.3
–
5.3
V
–
P_5.1.11
Temperatures
Junction Temperature
T
j
-40
–
150
°C
–
P_5.1.12
Storage Temperature
T
stg
-55
–
150
°C
–
P_5.1.13
ESD Resistivity
ESD Resistivity HBM
all pins
V
ESD1
-2
–
2
kV
EIA/JESD 22-A114B
(1.5kΩ, 100pF)
P_5.1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com