Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 79Page - Infineon Technologies AG TLE9832 Datasheet HTML 80Page - Infineon Technologies AG TLE9832 Datasheet HTML 81Page - Infineon Technologies AG TLE9832 Datasheet HTML 82Page - Infineon Technologies AG TLE9832 Datasheet HTML 83Page - Infineon Technologies AG TLE9832 Datasheet HTML 84Page - Infineon Technologies AG TLE9832 Datasheet HTML 85Page - Infineon Technologies AG TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
83
Rev. 1.1, 2012-03-08
5.9.2
Analog/Digital Converter Parameters
These parameters describe the conditions for optimum ADC performance.
Note: Operating Conditions apply.
Table 36
A/D Converter Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.
Analog reference supply
V
AREFSR
V
AGND
+ 1.0
–
V
DDPA
+ 0.05
V
1)
P_5.9.7
Analog reference ground
V
AGNDSR
GND
- 0.05
–1.5
V
2)
P_5.9.8
Analog input voltage range
V
AIN
V
AGND
–
V
AREF
V
3)
P_5.9.9
Analog clock frequency
f
ADCI
0.5
–
20
MHz 4)
P_5.9.10
Conversion time for 10-bit
result5)
t
C10
(13 + STC)
×
t
ADCI
+ 2 x
t
SYS
(13 + STC)
×
t
ADCI
+ 2 x
t
SYS
(13 + STC)
×
t
ADCI
+ 2 x
t
SYS
–
–
P_5.9.11
Conversion time for 8-bit
result
t
C8
(11 + STC)
×
t
ADCI
+ 2 ×
t
SYS
(11 + STC)
×
t
ADCI
+ 2 ×
t
SYS
(11 + STC)
×
t
ADCI
+ 2 ×
t
SYS
–
–
P_5.9.12
Wake-up time from analog
Stop Mode, fast mode
t
WAF
––4
µs
6)
P_5.9.13
Wake-up time from analog
Stop Mode, slow mode
t
WAS
––15
µs
6)
P_5.9.14
Total unadjusted error7)
TUE
-15
–
+ 15
LSB 1)
V
AREF =
5.0 V±1%
P_5.9.15
DNL error
EADNLEA
-2
–
+ 2
LSB –
P_5.9.16
INL error
EAINLEA
-5
–
+ 5
LSB –
P_5.9.17
Gain error
EAGAINEA -10
–
+ 10
LSB –
P_5.9.18
Offset error
EAOFFEA
-2
–
+ 2
LSB –
P_5.9.19
Total capacitance
of an analog input
C
AINT
––10
pF
6)8)
P_5.9.20
Switched capacitance
of an analog input
C
AINS
––4
pF
6)8)
P_5.9.21
Resistance of
the analog input path
R
AIN
––2
kΩ
6)8)
P_5.9.22
Total capacitance
of the reference input
C
AREFT
––15
pF
6)8)
P_5.9.23
Switched capacitance
of the reference input
C
AREFS
––7
pF
6)8)
P_5.9.24
Resistance of
the reference input path
R
AREF
––2
kΩ
6)8)
P_5.9.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com