Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 61Page - Infineon Technologies AG TLE9832 Datasheet HTML 62Page - Infineon Technologies AG TLE9832 Datasheet HTML 63Page - Infineon Technologies AG TLE9832 Datasheet HTML 64Page - Infineon Technologies AG TLE9832 Datasheet HTML 65Page - Infineon Technologies AG TLE9832 Datasheet HTML 66Page - Infineon Technologies AG TLE9832 Datasheet HTML 67Page - Infineon Technologies AG TLE9832 Datasheet HTML 68Page - Infineon Technologies AG TLE9832 Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
65
Rev. 1.1, 2012-03-08
5.2
Power Management Unit (PMU)
This chapter includes all electrical characteristics of the Power Management Unit
5.2.1
PMU I/O Supply Parameters VDDP
Table 19
Electrical Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Specified Output Current
I
VDDP
0–
60
mA
1)
1) Not subject to production test, specified by design
P_5.2.1
Required Output Capacitance
C
VDDP
0.1
–
10
µF
1) ESR < 1Ω
P_5.2.2
Output Voltage including line
regulation
V
DDPOUT
4.9
5.0
5.1
V
I
load < 90mA;Vs > 5.5V
P_5.2.3
Output Drop
Vs
V DDPout ––
+400 mV
I
load < 70mA;
3V <
V
s < 5.5V
P_5.2.4
Dynamic Load Regulation
V
VDDPLOR
-50
–
50
mV
1) 2 ... 70mA; C=470nF;
dI/dt=100mA/µs
P_5.2.5
Dynamic Line Regulation
V
VDDPLIR
-25
–
25
mV
1) V
s= 5.5 ... 20V;
dV/dt=5V/µs
P_5.2.6
Power Supply Ripple Rejection
P
SSRVDDP
50
–
–
dB
1) V
s= 13.5V; f=0 ...
1KHz; Vr=2Vpp
P_5.2.7
Over Voltage Detection
V
DDPOV
5.05
–
5.4
V
V
s > 5.5V; Overvoltage
leads to SUPPLY_NMI
P_5.2.8
Under Voltage Reset
V
DDPUV
2.4
–
2.7
V
V
s > 5.5V
P_5.2.9
Over Current Shutdown
I
VDDPOC
90
–
180
mA
–
P_5.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com