Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 69Page - Infineon Technologies AG TLE9832 Datasheet HTML 70Page - Infineon Technologies AG TLE9832 Datasheet HTML 71Page - Infineon Technologies AG TLE9832 Datasheet HTML 72Page - Infineon Technologies AG TLE9832 Datasheet HTML 73Page - Infineon Technologies AG TLE9832 Datasheet HTML 74Page - Infineon Technologies AG TLE9832 Datasheet HTML 75Page - Infineon Technologies AG TLE9832 Datasheet HTML 76Page - Infineon Technologies AG TLE9832 Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
73
Rev. 1.1, 2012-03-08
Note: Stresses above the values listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for an extended time may affect device reliability.
During absolute maximum rating overload conditions (
V
IN > VDDP or VIN < GND) the voltage on VDDP pins
with respect to ground (
GND) must not exceed the values defined by the absolute maximum ratings.
Table 27
Current Limits for Port Output Drivers1)
1) Not subject to production test, specified by design.
Port Output Driver Mode
Maximum Output Current
(
I
OLmax , - IOHmax)
Nominal Output Current
(
I
OLnom , - IOHnom)
Number
VDDP
≥ 4.5V
VDDP < 4.5V
VDDP
≥ 4.5V
VDDP < 4.5V
Strong Driver
7.5 mA
7.5 mA
2.5 mA
2.5 mA
P_5.5.16
Medium Driver
4 mA
2.5 mA
1.0 mA
1.0 mA
P_5.5.17
Weak Driver
0.5 mA
0.5 mA
0.1 mA
0.1 mA
P_5.5.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com