Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 8Page - Infineon Technologies AG TLE9832 Datasheet HTML 9Page - Infineon Technologies AG TLE9832 Datasheet HTML 10Page - Infineon Technologies AG TLE9832 Datasheet HTML 11Page - Infineon Technologies AG TLE9832 Datasheet HTML 12Page - Infineon Technologies AG TLE9832 Datasheet HTML 13Page - Infineon Technologies AG TLE9832 Datasheet HTML 14Page - Infineon Technologies AG TLE9832 Datasheet HTML 15Page - Infineon Technologies AG TLE9832 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
TLE9832
General Device Information
Data Sheet
12
Rev. 1.1, 2012-03-08
P2.3
36
I
I
AN3
CCPOS1_0
EXINT0_2
CTRAP_1
CC60_1
ADC1 analog input channel 3
CCU6 hall input 1
External interrupt input 0
CCU6 trap input
CCU6 capture/compare channel 0 input
P2.4
32
I
I
AN4
T0_2
ADC1 analog input channel 4
Timer 0 input
P2.5
31
I
I
AN5
T1_2
ADC1 analog input channel 5
Timer 1 input
P2.7
35
I
I
AN7
CCPOS2_0
EXINT2_0
T13HR_1
CC62_1
ADC1 analog input channel 7
CCU6 hall input 2
External interrupt input 2
CCU6 timer 13 hardware run input
CCU6 capture/compare channel 2 input
Power Supply
VS
47
P
–
Battery supply input
VDDP
44
P
–
I/O port supply (5.0 V). Do not connect external loads. For
buffer and bypass capacitors.
VDDC
42
P
–
Core supply (1.5 V during Active Mode,
0.9 V during Stop Mode). Do not connect external loads. For
buffer/bypass capacitor.
VDDEXT
45
P
–
External voltage supply output (5.0 V, 20 mA)
LSGND
13
P
–
Low Side ground LS1, LS2
GND
30, 43, 19,
38
P
–
Core supply ground; analog supply ground
ADCGND
33
P
–
Analog supply ground for ADC1
LINGND
2
P
–
LIN ground
Monitor Inputs
MON1
5
I
I
High Voltage Monitor Input 1
MON2
6
I
I
High Voltage Monitor Input 2
MON3
7
I
I
High Voltage Monitor Input 3
MON4
8
I
I
High Voltage Monitor Input 4
MON5
9
I
I
High Voltage Monitor Input 5
High Side Switch / Low Side Switch Outputs
LS1
11
O
Hi-Z
Low Side Switch output 1
LS2
12
O
Hi-Z
Low Side Switch output 2
HS1
3
O
Hi-Z
High Side Switch output 1
LIN Interface
LIN
1
I/O
PU
LIN bus interface input/output
Others
Table 3
Pin Definitions and Functions (cont’d)
Symbol
Pin Number Type
Reset
State
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com