Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 82Page - Infineon Technologies AG TLE9832 Datasheet HTML 83Page - Infineon Technologies AG TLE9832 Datasheet HTML 84Page - Infineon Technologies AG TLE9832 Datasheet HTML 85Page - Infineon Technologies AG TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG TLE9832 Datasheet HTML 88Page - Infineon Technologies AG TLE9832 Datasheet HTML 89Page - Infineon Technologies AG TLE9832 Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
86
Rev. 1.1, 2012-03-08
5.11
High Side Switch
5.11.1
Functional Range
5.11.2
Electrical Characteristics
Table 38
Functional Range
T
j = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Nominal Operating Voltage
V
S
5.5
–
27
V
–
P_5.11.1
Current range for Sleep
Mode / Stop Mode
I
HS max
sleep_pd
–
–
40
mA
Cyclic Sense Mode
P_5.11.2
PWM frequency of HS with
Slew Rate Control
f
PWM_W_SR
0–
10
kHz
1) Frequency must be
configured in the
PWM Generator
1) Not subject to production test, specified by design.
P_5.11.3
PWM frequency of HS
without Slew Rate Control
f
PWM_W/O_SR 0–
252)
2) referring to a 47ohm series resistor to charge an external power mos gate
kHz
1) Frequency must be
configured in the
PWM Generator
P_5.11.4
Table 39
Electrical Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ. Max.
Maximum ratings
Output voltage
V
HSxOUT
-0.3
–
V
S
V
min. value referred to
GND_A
P_5.11.5
Output HS
ON-State Resistance
R
ON
––
20
Ω
V
S =5.5 to 27 V,
Ids=100mA, higher
resistance below
V
S =5.5V
P_5.11.6
Output leakage Current
I
leakage
–
–
2
µA
Output OFF
0 V <
V
XLO < VS;
T
j < 85 °C
P_5.11.7
Output Slew Rate (rising) with
Slew Rate Control
SR
raise_w_SR
1
–
10
V/µs 10% to 90% of
V
S
V
S = 9 to 18V
R
L =300Ω
1)
P_5.11.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com