Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 59Page - Infineon Technologies AG TLE9832 Datasheet HTML 60Page - Infineon Technologies AG TLE9832 Datasheet HTML 61Page - Infineon Technologies AG TLE9832 Datasheet HTML 62Page - Infineon Technologies AG TLE9832 Datasheet HTML 63Page - Infineon Technologies AG TLE9832 Datasheet HTML 64Page - Infineon Technologies AG TLE9832 Datasheet HTML 65Page - Infineon Technologies AG TLE9832 Datasheet HTML 66Page - Infineon Technologies AG TLE9832 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
63
Rev. 1.1, 2012-03-08
5.1.3
Current Consumption
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
5.1.4
Thermal Resistance
Table 16
Electrical Characteristics 1)
V
s = 5.5V to 18V, TJ = -40°C to 85°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ.
Max.
Current Consumption @VS pin
Current Consumption in
Active Mode
I
Active
–
30
40
mA
fsys = 40 MHz
no loads on pins, LIN in recessive
state, LS1, LS2, HS1 off
P_5.1.25
Current consumption in
Stop Mode
I
Powerdown
–
85
95
µA
microcontroller in Stop Mode, LIN
recessive state, MON1-5 disabled,
GPIOs open (no loads)
P_5.1.26
Current consumption in
Stop Mode with cyclic
sense enabled
I
Powerdown2
–
–
110
µA
microcontroller in Stop Mode, LIN
recessive state, GPIOs open (no
loads)
P_5.1.27
Current consumption in
Sleep Mode
I
Sleep
–
–
25
µA
system in Sleep Mode,
microcontroller not powered, LIN
recessive state, MON1-5 disabled
and GPIOs open (no loads)
P_5.1.28
Table 17
Thermal Resistance
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Junction to Ambient
R
thJA
–
23.9
–
K/W
1)
1) EIA/JESD 52_2, FR4, 76.2 x 114.3 x 1.5 mm; 35µ Cu, 5µ Sn; 300 mm2
P_5.1.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com