Electronic Components Datasheet Search
  English  ▼

X  

TLE9832 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 81Page - Infineon Technologies AG TLE9832 Datasheet HTML 82Page - Infineon Technologies AG TLE9832 Datasheet HTML 83Page - Infineon Technologies AG TLE9832 Datasheet HTML 84Page - Infineon Technologies AG TLE9832 Datasheet HTML 85Page - Infineon Technologies AG TLE9832 Datasheet HTML 86Page - Infineon Technologies AG TLE9832 Datasheet HTML 87Page - Infineon Technologies AG TLE9832 Datasheet HTML 88Page - Infineon Technologies AG TLE9832 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
TLE9832
Electrical Characteristics
Data Sheet
85
Rev. 1.1, 2012-03-08
5.10
High-Voltage Monitor Input
The Parameters of the analog measurement are listed in the chapter Measurement Interface.
Table 37
Electrical Characteristics
V
S = 5.5 V to 27 V, Tj = -40° C to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.
Input Pin characteristics
Wake-up/monitoring threshold
voltage
V
MONth
0.4*Vs 0.5*Vs 0.6*Vs
V
without external serial
resistor Rs (with Rs:
∆V = IPD/PU * Rs);
P_5.10.1
Threshold hysteresis
V
MONth,hys 0.02*Vs 0.06*Vs 0.12*Vs
V
in all modes; without
external serial resistor Rs
(with Rs: ∆V = IPD/PU * Rs);
P_5.10.2
Pull-up current
MONx_CTRL_STS.MONx_PU
= high
MONx_CTRL_STS.MONx_PD
= low
I
PU, MONx
-20
-10
-1
µA
0 V < VMON_IN < Vs - 2 V P_5.10.3
Pull-up current
MONx_CTRL_STS.MONx_PU
= high
MONx_CTRL_STS.MONx_PD
= high
I
PU, MONx
-20
-10
-1
µA
0.6*Vs < VMON_IN < Vs -
2 V
P_5.10.4
Pull-down current
MONx_CTRL_STS.MONx_PU
= low
MONx_CTRL_STS.MONx_PD
= high
I
PD, MONx
410
18
µA
2 V < VMON_IN < Vs
P_5.10.5
Pull-down current
MONx_CTRL_STS.MONx_PU
= high
MONx_CTRL_STS.MONx_PD
= high
I
PD, MONx
410
18
µA
2 V < VMON_IN < 0.4*Vs
P_5.10.6
Input leakage current
MONx_CTRL_STS.MONx_PU
= low
MONx_CTRL_STS.MONx_PD
= low
I
LK,I
-2
–
2
µA
0 V < VMON_IN < 28 V
P_5.10.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com