Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 227 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 227 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 223Page - Microchip Technology MCP19124 Datasheet HTML 224Page - Microchip Technology MCP19124 Datasheet HTML 225Page - Microchip Technology MCP19124 Datasheet HTML 226Page - Microchip Technology MCP19124 Datasheet HTML 227Page - Microchip Technology MCP19124 Datasheet HTML 228Page - Microchip Technology MCP19124 Datasheet HTML 229Page - Microchip Technology MCP19124 Datasheet HTML 230Page - Microchip Technology MCP19124 Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 227
MCP19124/5
INDEX
A
A/D
Specifications 3
, 5, 37
A/D Conversion. See ADC
ABECON Register 51
Absolute Maximum Ratings 22
AC Characteristics 32
ACKSTAT
Status Flag 181
ADC 119
10-Bit Result Format 121
Acquisition Requirements 127
Associated Registers 129
Block Diagram 119
Calculating Acquisition Time 127
Channel Selection 120
Configuration 120
Configuring Interrupt 122
Conversion Clock 120
Conversion Procedure 122
Internal Sampling Switch (RSS) Impedance 127
Interrupts 121
Operation 122
Operation During Sleep 122
Port Configuration 120
Register Definitions 124
Requirements 37
Source Impedance (RS) 127
Timing Diagram 38
ADCON0 Register 57
, 124
ADCON1 Register 125
ADRESH Register 125
ADRESL Register 126
Analog Blocks Enable Control 50
Error Amplifier Disable 51
Analog Peripheral Control 49
PWM Steering 50
Secondary Current Positive Sense Pull-Up 50
Analog-to-Digital Converter. See ADC
ANSELA Register 110
ANSELB Register 114
Application Diagrams
MCP19124 Boost Quasi-Resonant 11
MCP19124 Cuk’ Synchronous Positive Output 11
Assembler
MPASM Assembler 214
B
Bench Testing
System 57
BF 183
Status Flag 181
BF Status Flag 183
Block Diagrams
ADC 119
ADC Transfer Function 128
Analog Input Model 128
Baud Rate Generator 192
Capture Mode Operation 145
Compare Mode Operation 146
Interrupt Logic 92
MCP19124/5 Flyback Synchronous Quasi-Resonant 10
Microcontroller Core 12
MSSP (I2C Master Mode) 157
MSSP (I2C Slave Mode) 158
On-Chip Reset Circuit 83
Pulse-Width Modulation (PWM) 154
Recommended MCLR Circuit 84
Timer0 137
Timer1 139
Timer2 143
Watchdog Timer with Shared Prescale 103
Brown-Out Reset (BOR) 85
C
C Compilers
MPLAB XC 214
Calibration Word Registers
CALWD1 (Calibration Word 1) 59
CALWD10 (Calibration Word 10) 66
CALWD11 (Calibration Word 11) 67
, 68
CALWD2 (Calibration Word 2) 60
CALWD3 (Calibration Word 3) 61
CALWD4 (Calibration Word 4) 61
CALWD5 (Calibration Word 5) 62
CALWD6 (Calibration Word 6) 62
CALWD7 (Calibration Word 7) 63
CALWD8 (Calibration Word 8) 64
CALWD9 (Calibration Word 9) 65
Capture Mode
Block Diagram 145
Capture/Compare (CCD) Module
Capture Mode 145
CCP1IF 145
CCX Pin Configuration 145
Prescaler 145
Software Interrupt 145
Timer1 Mode Selection 145
Compare Mode
CCP1IF 146
CMPX Pin Configuration 146
Software Interrupt 146
Special Event Trigger 146
Timer1 Mode Selection 146
Register 147
CCDCON Register 147
Clock Switching 106
Code Example
Indirect Addressing 80
Code Examples
A/D Conversion 123
Assigning Prescaler to Timer0 138
Assigning Prescaler to WDT 138
Initializing PORTGPA 107
Saving Status and W Registers in RAM 99
Compare Mode
Block Diagram 146
Computed Function Calls 79
Computed GOTO 79
Configuration Word 81
Registers Associated with Clock Sources 106
Registers Associated with Watchdog Timer 104
Current Sense 19
Customer Change Notification Service 225
Customer Support 225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com