Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 229 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 229 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 225Page - Microchip Technology MCP19124 Datasheet HTML 226Page - Microchip Technology MCP19124 Datasheet HTML 227Page - Microchip Technology MCP19124 Datasheet HTML 228Page - Microchip Technology MCP19124 Datasheet HTML 229Page - Microchip Technology MCP19124 Datasheet HTML 230Page - Microchip Technology MCP19124 Datasheet HTML 231Page - Microchip Technology MCP19124 Datasheet HTML 232Page - Microchip Technology MCP19124 Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 229
MCP19124/5
GOTO 205
INCF 205
INCFSZ 205
IORLW 205
IORWF 205
MOVF 206
MOVLW 206
MOVWF 206
NOP 206
RETFIE 207
RETLW 207
RETURN 207
RLF 207
RRF 208
SLEEP 208
SUBLW 208
SUBWF 208
Summary Table 202
SWAPF 208
XORLW 208
XORWF 209
INTCON Register 93
Internal Sampling Switch (RSS) Impedance 127
Internet Address 225
Interrupt-on-Change 115
Associated Registers 117
Clearing Interrupt Flags 115
Enabling the Module 115
Individual Pin Configuration 115
Operation in Sleep 115
Registers 116
Interrupts
ADC 122
Associated Registers 98
Configuration Word w/ Clock Sources 106
Context Saving 98
Control Registers 93
GPA2/INT 91
Timer0 138
Timer1 140
IOCA Register 116
IOCB Register 116
L
Leading Edge Blanking 45
Linear Regulators 19
M
Magnetic Desaturation Detection 19
Master Synchronous Serial Port. See MSSP
MCLR 84
Internal 84
Memory Organization 69
Data 70
Program 69
Microchip Internet Web Site 225
Mode and RFB MUX Control 52
MODECON Register 52
MOSFET Drivers 16
, 17
Dead Time 50
Gate Driver Enables 49
Programmable Dead Time 47
Undervoltage Lockout Selection 50
MPLAB Assembler, Linker, Librarian 214
MPLAB ICD 3 In-Circuit Debugger System 215
MPLAB Integrated Development Environment Software 213
MPLAB PM3 Device Programmer 215
MPLAB REAL ICE In-Circuit Emulator System 215
MPLAB X SIM Software Simulator 215
MPLINK Object Linker/MPLIB Object Librarian 214
MSSP 157
Arbitration 159
Baud Rate Generator 192
Block Diagram (I2C Master Mode) 157
Block Diagram (I2C Slave Mode) 158
Clock Stretching 159
I2C Bus Terms 160
I2C Master Mode 178
I2C Mode 158
I2C Mode Operation 160
I2C Slave Mode Operation 162
Overview 157
O
OPCODE Field Descriptions 201
OPTION_REG Register 78
Oscillator 105
Associated Registers 106
Calibration 105
Delay Upon Base Frequency Change 106
Delay Upon Power-Up 106
Delay Upon Wake-Up 106
Frequency Tuning 105
Internal 105
OSCTUNE Register 105
Output 19
Output
Drive Circuitry 19
Overvoltage 41
OVCON Register 41
OVREFCON Register 42
Protection 41
Type 13
Output Regulation Reference Voltage Configuration 48
OVCON Register 41
Overvoltage Lockout
Input 39
OVREFCON Register 42
P
Packaging 217
Marking 217
Specifications 218
PCL 79
Modifying 79
PCLATH 79
PCON Register 86
, 89
PE1 Register 49
Peak Current Mode 19
PICkit 3 In-Circuit Debugger/PICkit 3 In-Circuit Programmer
215
PIE1 Register 94
PIE2 Register 95
Pin Diagram
24-Pin QFN (MCP19124) 2
28-Pin QFN (MCP19125) 4
Pinout Description
Summary 3
, 5
Table 13
PIR1 Register 96
PIR2 Register 97
PMADRH Register 131
, 133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com