| Electronic Components Datasheet Search |
|
MCP19124 Datasheet(PDF) 230 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19124 Datasheet(HTML) 230 Page - Microchip Technology |
|
230 / 236 page ![]() MCP19124/5 DS20005619A-page 230 2016 Microchip Technology Inc. PMADRL Register 131 , 132 PMCON1 Register 131 , 133 PMCON2 Register 131 PMDATH Register 132 PMDATL Register 132 PORTGPA 107 , 115 ANSELA Register 108 Associated Registers 111 Functions and Output Priorities 108 Interrupt-on-Change 107 Output Priority 108 Register 107 , 109 Weak Pull-Ups 107 PORTGPB 111 , 115 ANSELB Register 111 Associated Registers 114 Functions and Output Priorities 112 Interrupt-on-Change 111 Output Priority 112 Register 111 , 112 Weak Pull-Ups 111 Power-Down Mode (Sleep) 101 Associated Registers 102 Power-On Reset (POR) 84 Power-Up Timer (PWRT) 86 Primary Input Current Offset Adjust 44 Program Memory Map and Stack (MCP191124/5) 69 Organization 69 Protection 82 Programming, Device Instructions 201 Pulse-Width Modulation Control Logic 151 Pulse-Width Modulation. See PWM PWM 36 Associated Registers 155 Control Logic 151 Duty Cycle 155 Enhanced Module 153 Fixed Frequency 20 Operation During Sleep 155 Output 154 Period 154 Requirements 36 Simplified Diagram 154 Stand-alone Mode 153 Standard Mode 153 Steering 50 Switching Frequency Synchronization Mode 153 Timing Diagram 36 R Read-Modify-Write Operations 201 Registers ABECON (Analog Block Enable Control) 51 ADCON0 (A/D Control 0) 124 ADCON0 (Analog-to-Digital Control) 57 ADCON1 (A/D Control 1) 125 ADRESH (ADC Result High) 125 ADRESL (ADC Result Low) 126 ANSELA (Analog Select GPA) 110 ANSELB (Analog Select GPB) 114 CALWD1 (Calibration Word 1) 59 CALWD10 (Calibration Word 10) 66 CALWD11 (Calibration Word 11) 67 , 68 CALWD2 (Calibration Word 2) 60 CALWD3 (Calibration Word 3) 61 CALWD4 (Calibration Word 4) 61 CALWD5 (Calibration Word 5) 62 CALWD6 (Calibration Word 6) 62 CALWD7 (Calibration Word 7) 63 CALWD8 (Calibration Word 8) 64 CALWD9 (Calibration Word 9) 65 CCDCON (Dual Capture/Compare Control Module) 147 CONFIG (Configuration Word) 81 DEADCON (Driver Dead Time Control) 47 DESATCON (Desaturation Comparator Control) 43 FSR (File Select Register) 79 General Purpose Register 70 ICLEBCON (Input Current Leading Edge Blanking Con- trol) 45 ICOACON (Input Current Offset Adjust Control) 44 INDF 79 INTCON (Interrupt Control) 93 IOCA (Interrupt-on-Change PORTGPA) 116 IOCB (Interrupt-on-Change PORTGPB) 116 MODECON (Master/Slave and RFB MUX Control) 52 OPTION_REG (Option) 78 OSCTUNE (Oscillator Tuning) 105 OVCON (Output Overvoltage Comparator Control) 41 OVREFCON (Output Overvoltage Detect Level) 42 PCON (Power Control) 86 , 89 PE1 (Analog Peripheral Enable1 Control) 49 PIE1 (Peripheral Interrupt Enable 1) 94 PIE2 (Peripheral Interrupt Enable 2) 95 PIR1 (Peripheral Interrupt Flag 1) 96 PIR2 (Peripheral Interrupt Flag 2) 97 PMADRH (Program Memory Address High) 131 , 133 PMADRL (Program Memory Address Low) 131 , 132 PMCON1 (Program Memory Control 1) 131 , 133 PMCON2 (Program Memory Control 2) 131 PMDATH (Program Memory Data High) 132 PMDATL (Program Memory Data Low) 132 PORTGPA 107 , 109 PORTGPB 111 , 112 SLPCRCON (Slope Compensation Ramp Control) 46 Special Function 70 Special Registers Summary Bank 0 74 Bank 1 75 Bank 2 76 Bank 3 77 SSPADD (MSSP Address and Baud Rate 1) 198 SSPADD2 (MSSP Address 2) 199 SSPCON1 (SSP Control 1) 194 SSPCON2 (SSP Control 2) 196 SSPCON3 (SSP Control 3) 197 SSPMSK (SSP Mask) 198 SSPMSK1 (SSP Mask 1) 177 SSPMSK2 (SSP Mask 2) 199 SSPSTAT (SSP Status) 193 STATUS 71 T1CON (Timer1 Control) 140 T2CON (Timer2 Control) 144 TRISGPA (PORTGPA Tri-State) 107 , 109 TRISGPB (PORTGPB Tri-State) 111 , 113 VINCON (UVLO and OVLO Comparator Control) 39 VINOVLO (Input Overvoltage Lockout) 40 VINUVLO (Input Undervoltage Lockout) 40 VREF2CON (VREF2 Voltage Set Point) 49 VREFCON (Current/Voltage Regulation Set Point Con- |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |