Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 231 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 231 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 227Page - Microchip Technology MCP19124 Datasheet HTML 228Page - Microchip Technology MCP19124 Datasheet HTML 229Page - Microchip Technology MCP19124 Datasheet HTML 230Page - Microchip Technology MCP19124 Datasheet HTML 231Page - Microchip Technology MCP19124 Datasheet HTML 232Page - Microchip Technology MCP19124 Datasheet HTML 233Page - Microchip Technology MCP19124 Datasheet HTML 234Page - Microchip Technology MCP19124 Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 231
MCP19124/5
trol) 48
WPUGPA (Weak Pull-Up PORTGPA) 110
WPUGPB (Weak Pull-Up PORTGPB) 113
Requirements
A/D Acquisition 127
A/D Conversion 37
External Clock, Timing 32
I/O, Timing 33
PWM 36
Reset, Watchdog Timer, Oscillator Start-Up Timer and
Power-Up Timer 35
Timer0 External Clock 36
Resets 83
Associated Registers 89
Brown-Out 85
Determining Causes 87
Power-On 84
Watchdog Timer 86
S
Sleep 101
Wake-Up from 101
Wake-Up Using Interrupts 101
Slope Compensation 46
SLPCRCON Register 46
Software Simulator (MPLAB X SIM) 215
Special Event Trigger
Capture/Compare Module 146
Special Function Registers (SFR) 70
SSPADD Register 198
SSPADD2 Register 199
SSPCON1 Register 194
SSPCON2 Register 196
SSPCON3 Register 197
SSPMSK Register 198
SSPMSK1 Register 177
SSPMSK2 Register 199
SSPOV 183
SSPOV Status Flag 183
SSPSTAT Register 193
R/W Bit 162
Stack 79
Start-Up 20
Start-Up Sequence 86
STATUS Register 71
System Bench Testing 57
T
T1CON Register 140
T2CON Register 144
Temperature Indicator Module 149
Circuit Operation 149
Temperature Output 149
Timer0 137
8-bit Counter Mode 137
8-bit Timer Mode 137
Associated Registers 138
Block Diagram 137
External Clock 138
Requirements 36
Timing 35
Interrupt 138
Module 137
Features 137
Operation 137
During Sleep 138
Software Programmable Prescaler 137
Switching Prescaler 138
T0CKI 138
TMR0 Register 137
Timer1 139
Associated Registers 141
Block Diagram 139
Clock Source Selection 139
Control Register 140
External Clock Timing 35
Interrupt 140
Module 139
Features 139
Operation 139
During Sleep 140
Prescaler 140
TMR1H Register 139
TMR1L Register 139
Timer2
Associated Registers 144
Block Diagram 143
Control Register 144
Module 143
Features 143
Operation 143
Timers
Timer1 (T1CON) 139
Timer2 (T2CON) 143
Timing Diagrams
A/D Conversion 38
Acknowledge Sequence 185
Baud Rate Generator with Clock Arbitration 179
BRG Reset Due to SDA Arbitration During Start Condi-
tion 188
Bus Collision During a Repeated Start Condition (Case
1) 189
Bus Collision During a Repeated Start Condition (Case
2) 189
Bus Collision During a Start Condition (SCL = 0) 188
Bus Collision During a Start Condition (SDA Only) 187
Bus Collision During a Stop Condition (Case 1) 190
Bus Collision During a Stop Condition (Case 2) 190
Bus Collision for Transmit and Acknowledge 186
Clock Synchronization 176
First Start Bit 179
I/O 33
I2C Master Mode (7 or 10-Bit Transmission) 182
I2C Master Mode (7-Bit Reception) 184
INT Pin Interrupt 92
Power-Up Timer 34
Pulse-Width Modulation 36
Repeat Start Condition 180
Reset 34
Start-Up Timer 34
Stop Condition Receive or Transmit Mode 185
Time-Out Sequence
Case 1 86
Case 2 87
Case 3 87
Timer0, External Clock 35
Timer1, External Clock 35
Wake-up from Interrupt 102
Watchdog Timer 34
Timing Parameter Symbology 31
TRISGPA 107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com