Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 233 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 233 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 228Page - Microchip Technology MCP19124 Datasheet HTML 229Page - Microchip Technology MCP19124 Datasheet HTML 230Page - Microchip Technology MCP19124 Datasheet HTML 231Page - Microchip Technology MCP19124 Datasheet HTML 232Page - Microchip Technology MCP19124 Datasheet HTML 233Page - Microchip Technology MCP19124 Datasheet HTML 234Page - Microchip Technology MCP19124 Datasheet HTML 235Page - Microchip Technology MCP19124 Datasheet HTML 236Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 233 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 233
MCP19124/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP19124: Digitally Enhanced PWM Power Analog
High-Speed Controller
MCP19125: Digitally Enhanced PWM Power Analog
High-Speed Controller
Tape and Reel
Option:
Blank = Standard packaging (tube)
T
= Tape and Reel
Temperature
Range:
E= -40
C to +125C
(Extended)
Package:
MJ
= 24-Lead Plastic Quad Flat, No Lead Package -
4x4x0.9 mm Body [QFN]
MQ = 28-Lead Plastic Quad Flat, No Lead Package -
5x5x0.9 mm Body [QFN]
Examples:
a)
MCP19124-E/MJ: Extended temperature
24-LD QFN 4x4 package
b)
MCP19124T-E/MJ: Tape and Reel
Extended temperature
24 LD QFN 4x4 package
a)
MCP19125-E/MQ: Extended Temperature
28 LD QFN 5x5 package
b)
MCP19125T-E/MQ: Tape and Reel
Extended Temperature
28 LD QFN 5x5 package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X] (1)
Tape and Reel
Option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com