Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 180 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 180 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 176Page - Microchip Technology MCP19124 Datasheet HTML 177Page - Microchip Technology MCP19124 Datasheet HTML 178Page - Microchip Technology MCP19124 Datasheet HTML 179Page - Microchip Technology MCP19124 Datasheet HTML 180Page - Microchip Technology MCP19124 Datasheet HTML 181Page - Microchip Technology MCP19124 Datasheet HTML 182Page - Microchip Technology MCP19124 Datasheet HTML 183Page - Microchip Technology MCP19124 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 236 page
background image
MCP19124/5
DS20005619A-page 180
 2016 Microchip Technology Inc.
28.5.5
I2C MASTER MODE REPEATED
START CONDITION TIMING
A Repeated Start condition occurs when the RSEN bit
in the SSPCON2 register is programmed high and the
Master state machine is no longer active. When the
RSEN bit is set, the SCL pin is asserted low. When the
SCL pin is sampled low, the Baud Rate Generator is
loaded and begins counting. The SDA pin is released
(brought high) for one Baud Rate Generator count
(TBRG). When the Baud Rate Generator times out, if
SDA is sampled high, the SCL pin will be deasserted
(brought high). When SCL is sampled high, the Baud
Rate Generator is reloaded and begins counting. SDA
and SCL must be sampled high for one TBRG. This
action is then followed by assertion of the SDA pin
(SDA = 0) for one TBRG while SCL is high. SCL is
asserted low. Following this, the RSEN bit in the
SSPCON2 register will be automatically cleared and
the Baud Rate Generator will not be reloaded, leaving
the SDA pin held low. As soon as a Start condition is
detected on the SDA and SCL pins, the S bit in the
SSPSTAT register will be set. The SSPIF bit will not be
set until the Baud Rate Generator has timed out.
FIGURE 28-19:
REPEAT START CONDITION WAVEFORM
Note 1: If RSEN is programmed while any other
event is in progress, it will not take effect.
2: A bus collision during the Repeated Start
condition occurs if:
• SDA is sampled low when SCL
goes from low to high.
• SCL goes low before SDA is
asserted low. This may indicate that
another master is attempting to
transmit a data ‘1’.
SDA
SCL
Repeated Start
Write to SSPBUF occurs here
1st bit
S bit set by hardware
TBRG
TBRG
SDA = 1,
SDA = 1,
SCL (no change)
SCL = 1
TBRG TBRG TBRG
Sr
Write to SSPCON2
occurs here
At completion of Start bit,
hardware clears RSEN bit
and sets SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com