Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 183 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 183 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 179Page - Microchip Technology MCP19124 Datasheet HTML 180Page - Microchip Technology MCP19124 Datasheet HTML 181Page - Microchip Technology MCP19124 Datasheet HTML 182Page - Microchip Technology MCP19124 Datasheet HTML 183Page - Microchip Technology MCP19124 Datasheet HTML 184Page - Microchip Technology MCP19124 Datasheet HTML 185Page - Microchip Technology MCP19124 Datasheet HTML 186Page - Microchip Technology MCP19124 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 183
MCP19124/5
28.5.7
I2C MASTER MODE RECEPTION
Master mode reception is enabled by programming the
Receive Enable (RCEN) bit in the SSPCON2 register.
The Baud Rate Generator begins counting and, upon
each rollover, the state of the SCL pin changes
(high-to-low/low-to-high) and data is shifted into the
SSPSR. After the falling edge of the 8th clock, the
receive enable flag is automatically cleared, the
contents of the SSPSR are loaded into the SSPBUF,
the BF flag bit is set, the SSPIF flag bit is set and the
Baud Rate Generator is suspended from counting,
holding SCL low. The MSSP is now in idle state
awaiting the next command. When the buffer is read by
the CPU, the BF flag bit is automatically cleared. The
user can then send an Acknowledge bit at the end of
reception by setting the Acknowledge Sequence
Enable (ACKEN) bit in the SSPCON2 register.
28.5.7.1
BF Status Flag
In receive operation, the BF bit is set when an address
or data byte is loaded into SSPBUF from SSPSR. It is
cleared when the SSPBUF register is read.
28.5.7.2
SSPOV Status Flag
In receive operation, the SSPOV bit is set when 8 bits
are received into the SSPSR and the BF flag bit is
already set from a previous reception.
28.5.7.3
WCOL Status Flag
If the user writes the SSPBUF when a receive is
already in progress (i.e., SSPSR is still shifting in a data
byte), the WCOL bit is set and the contents of the buffer
are unchanged (the write does not occur).
28.5.7.4
Typical Receive Sequence
1.
The user generates a Start condition by setting
the SEN bit in the SSPCON2 register.
2.
SSPIF is set by hardware on completion of the
Start.
3.
SSPIF is cleared by software.
4.
User writes SSPBUF with the 7-bit slave
address to transmit and sets the R/W bit.
5.
Address is shifted out the SDA pin until all 8 bits
are transmitted. Transmission begins as soon
as SSPBUF is written to.
6.
The MSSP module shifts in the ACK bit from the
slave device and writes its value into the
ACKSTAT bit in the SSPCON2 register.
7.
The MSSP module generates an interrupt at the
end of the 9th clock cycle by setting the SSPIF
bit.
8.
User sets the RCEN bit in the SSPCON2 register
and the Master clocks in a byte from the slave.
9.
After the 8th falling edge of SCL, SSPIF and BF
are set.
10. Master clears SSPIF and reads the received
byte from SSPUF, then clears BF.
11. Master sets ACK value sent to slave in ACKDT
bit in the SSPCON2 register and initiates the
ACK by setting the ACKEN bit.
12. Masters ACK is clocked out to the Slave and
SSPIF is set.
13. The user clears SSPIF.
14. Steps 8-13 are repeated for each received byte
from the slave.
15. Master sends a not ACK or Stop to end
communication.
Note:
The MSSP module must be in an idle
state before the RCEN bit is set or the
RCEN bit will be disregarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com