Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 185 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 185 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 181Page - Microchip Technology MCP19124 Datasheet HTML 182Page - Microchip Technology MCP19124 Datasheet HTML 183Page - Microchip Technology MCP19124 Datasheet HTML 184Page - Microchip Technology MCP19124 Datasheet HTML 185Page - Microchip Technology MCP19124 Datasheet HTML 186Page - Microchip Technology MCP19124 Datasheet HTML 187Page - Microchip Technology MCP19124 Datasheet HTML 188Page - Microchip Technology MCP19124 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 185
MCP19124/5
28.5.8
ACKNOWLEDGE SEQUENCE
TIMING
An Acknowledge sequence is enabled by setting the
Acknowledge Sequence Enable (ACKEN) bit in the
SSPCON2 register. When this bit is set, the SCL pin is
pulled low and the contents of the Acknowledge data bit
are presented on the SDA pin. If the user wishes to
generate an Acknowledge, then the ACKDT bit should
be cleared. If not, the user should set the ACKDT bit
before starting an Acknowledge sequence. The Baud
Rate Generator then counts for one rollover period
(TBRG) and the SCL pin is deasserted (pulled high).
When the SCL pin is sampled high (clock arbitration),
the Baud Rate Generator counts for TBRG. The SCL pin
is then pulled low. Following this, the ACKEN bit is
automatically cleared, the Baud Rate Generator is
turned off and the MSSP module then goes into Idle
mode (Figure 28-22).
28.5.8.1
WCOL Status Flag
If the user writes the SSPBUF when an Acknowledge
sequence is in progress, WCOL is set and the contents
of the buffer are unchanged (the write does not occur).
28.5.9
STOP CONDITION TIMING
A Stop bit is asserted on the SDA pin at the end of a
receive/transmit by setting the Stop Sequence Enable
bit, PEN, in the SSPCON2 register. At the end of a
receive/transmit, the SCL line is held low after the
falling edge of the 9th clock. When the PEN bit is set,
the master will assert the SDA line low. When the SDA
line is sampled low, the Baud Rate Generator is
reloaded and counts down to ‘0’. When the Baud Rate
Generator times out, the SCL pin will be brought high
and then, one TBRG (Baud Rate Generator rollover
count) later, the SDA pin will be deasserted. When the
SDA pin is sampled high while SCL is high, the P bit in
the SSPSTAT register, is set. A TBRG later, the PEN bit
is cleared and the SSPIF bit is set (Figure 28-23).
28.5.9.1
WCOL Status Flag
If the user writes the SSPBUF when a Stop sequence
is in progress, the WCOL bit is set and the contents of
the buffer are unchanged (the write does not occur).
FIGURE 28-22:
ACKNOWLEDGE SEQUENCE WAVEFORM
FIGURE 28-23:
STOP CONDITION RECEIVE OR TRANSMIT MODE
SDA
SCL
ACKEN automatically cleared
TBRG
TBRG
8
D0
9
SSPIF
ACK
Acknowledge sequence starts here,
write to SSPCON2
ACKEN = 1, ACKDT = 0
SSPIF set at the end
of receive
Cleared by
software
Cleared by
software
SSPIF set at the end
of Acknowledge sequence
Note:
TBRG = one Baud Rate Generator period.
SCL
SDA
SCL brought high after TBRG
TBRG
TBRG
TBRG
ACK
P
TBRG
Write to SSPCON2,
set PEN
Falling edge of 9th clock
SCL = 1 for TBRG, followed by SDA = 1 for TBRG
after SDA sampled high. P bit (SSPSTAT4) is set.
PEN bit (SSPCON2<2>) is cleared by
hardware and the SSPIF bit is set
Note:
TBRG = one Baud Rate Generator period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com