Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 182 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 182 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 178Page - Microchip Technology MCP19124 Datasheet HTML 179Page - Microchip Technology MCP19124 Datasheet HTML 180Page - Microchip Technology MCP19124 Datasheet HTML 181Page - Microchip Technology MCP19124 Datasheet HTML 182Page - Microchip Technology MCP19124 Datasheet HTML 183Page - Microchip Technology MCP19124 Datasheet HTML 184Page - Microchip Technology MCP19124 Datasheet HTML 185Page - Microchip Technology MCP19124 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 236 page
background image
FIGURE 28-20:
I2C MASTER MODE WAVEFORM (TRANSMISSION, 7 OR 10-BIT ADDRESS)
SDA
SCL
SSPIF
BF (SSPSTAT0)
SEN
A7
A6
A5
A4
A3
A2
A1
ACK = 0
D7
D6
D5
D4
D3
D2
D1
D0
ACK
R/W = 0
Transmit Address to Slave
1
2
3
4
5
6
7
89
123
4
5
67
8
9
P
SSPBUF is written by software
After Start condition, SEN cleared by hardware
S
SEN = 0
Write SSPCON2<0> SEN = 1
Start condition begins
Cleared by software
SSPBUF written
PEN
R/W
Cleared by software
From slave, clear ACKSTAT bit
SSPCON2<6>
Transmitting Data or Second Half
of 10-bit Address
ACKSTAT in
SSPCON2 = 1
SSPBUF written with 7-bit address and R/W
start transmit
SCL held low
while CPU
responds to SSPIF
Cleared by software service routine
from SSP interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com