Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 184 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 184 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 180Page - Microchip Technology MCP19124 Datasheet HTML 181Page - Microchip Technology MCP19124 Datasheet HTML 182Page - Microchip Technology MCP19124 Datasheet HTML 183Page - Microchip Technology MCP19124 Datasheet HTML 184Page - Microchip Technology MCP19124 Datasheet HTML 185Page - Microchip Technology MCP19124 Datasheet HTML 186Page - Microchip Technology MCP19124 Datasheet HTML 187Page - Microchip Technology MCP19124 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 236 page
background image
FIGURE 28-21:
I2C MASTER MODE WAVEFORM (RECEPTION, 7-BIT ADDRESS)
P
9
8
7
6
5
D0
D1
D2
D3
D4
D5
D6
D7
S
A7 A6 A5 A4 A3 A2 A1
SDA
SCL
12 3 4 56
7 8 9
1 2 3 4 5 6
7 8
9
12 3 4
ACK
Receiving Data from Slave
Receiving Data from Slave
D0
D1
D2
D3
D4
D5
D6
D7
ACK
R/W
SSPIF
BF
ACK is not sent
Write to SSPCON2<0>
(SEN = 1),
ACK from Slave
Data shifted in on falling edge of CLK
Cleared by software
SEN = 0
SSPOV
(SSPSTAT0)
ACK
Cleared by software
Cleared by software
ACKEN
begin Start condition
Cleared by software
RCEN
Write to SSPBUF
occurs here, start XMIT
Master configured as a receiver
by programming SSPCON2<3> (RCEN = 1)
RCEN cleared
automatically
Write to SSPCON2<4> to start Acknowledge
sequence SDA = ACKDT (SSPCON2<5>) = 0
ACK from Master
SDA = ACKDT = 0
RCEN = 1, start
next receive
Set ACKEN, start Acknowledge sequence
SDA = ACKDT = 1
RCEN cleared
automatically
PEN bit = 1 written here
Bus master
terminates
transfer
SDA = 0, SCLx = 1
while CPU
responds to SSPxIR
Set SSPIF interrupt
at end of receive
Set SSPIF interrupt
at end of Acknowledge
sequence
Set SSPIF
at end of receive
Cleared by
software
Set SSPIF interrupt
at end of
Acknowledge
sequence
Set P bit
(SSPSTAT4)
and SSPIF
Last bit is shifted into SSPSR and
contents are unloaded into SSPBUF
SSPOV is set because
SSPBUF is still full
Master configured as a receiver
by programming SSPCON2<3> (RCEN = 1)
RCEN cleared
automatically
ACK from Master
SDA = ACKDT = 0
RCEN cleared
automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com