Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 181 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 181 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 177Page - PMC-Sierra, Inc PM6344 Datasheet HTML 178Page - PMC-Sierra, Inc PM6344 Datasheet HTML 179Page - PMC-Sierra, Inc PM6344 Datasheet HTML 180Page - PMC-Sierra, Inc PM6344 Datasheet HTML 181Page - PMC-Sierra, Inc PM6344 Datasheet HTML 182Page - PMC-Sierra, Inc PM6344 Datasheet HTML 183Page - PMC-Sierra, Inc PM6344 Datasheet HTML 184Page - PMC-Sierra, Inc PM6344 Datasheet HTML 185Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
168
10.2
Registers 049-04FH, 0C9H-0CFH, 149H-14FH, 1C9H-1CFH: Latching
Performance Data
All the Performance Data registers in one framer are updated as a group by
writing to any of the PMON block count registers (addresses 049H-04FH for
framer 1, 0C9H-0CFH for framer 2, 149H-14FH for framer 3, and 1C9H-1CFH for
framer 4). A write to any one of these locations loads performance data in the
associated PMON block into the internal holding registers (it is necessary to write
to one, and only one, count register address to latch all the count data register
values into the holding registers and to reset all the counters for each polling
cycle for the associated framer). Alternately, the Performance Data registers for
all four framers are updated by writing to the Revision/Chip ID/Global PMON
Update register (address 00CH). The data contained in the holding registers can
then be subsequently read by microprocessor accesses into the PMON block
count register address space. The latching of count data, and subsequent
resetting of the counters, is synchronized to the internal event timing so that no
events are missed.
The PMON is loaded with new performance data within 3.5 recovered clock
periods of the latch performance data register write. With nominal line rates, the
PMON registers should not be polled until 1.71µsec have elapsed from the "latch
performance data" register write.
When the EQUAD is reset, the contents of the PMON count registers are
unknown until the first latching of performance data is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com