Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 189 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 189 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 185Page - PMC-Sierra, Inc PM6344 Datasheet HTML 186Page - PMC-Sierra, Inc PM6344 Datasheet HTML 187Page - PMC-Sierra, Inc PM6344 Datasheet HTML 188Page - PMC-Sierra, Inc PM6344 Datasheet HTML 189Page - PMC-Sierra, Inc PM6344 Datasheet HTML 190Page - PMC-Sierra, Inc PM6344 Datasheet HTML 191Page - PMC-Sierra, Inc PM6344 Datasheet HTML 192Page - PMC-Sierra, Inc PM6344 Datasheet HTML 193Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
176
11
TEST FEATURES DESCRIPTION
Simultaneously asserting the CSB, RDB and WRB inputs causes all output pins
and the data bus to be held in a high-impedance state. This test feature may be
used for board testing.
Test mode registers are used to apply test vectors during production testing of
the EQUAD. Test mode registers (as opposed to normal mode registers) are
mapped into addresses 200H-3FFH.
Test mode registers may also be used for board testing. When all of the
constituent Telecom System Blocks within the EQUAD are placed in test mode 0,
device inputs may be read and device outputs may be forced via the
microprocessor interface (refer to the section "Test Mode 0" for details).
Notes on Test Mode Register Bits:
1. Writing values into unused register bits has no effect. Reading unused bits
can produce either a logic 1 or a logic 0; hence unused register bits should be
masked off by software when read.
2. Writeable test mode register bits are not initialized upon reset unless
otherwise noted.
11.1 Test Mode 0
In test mode 0, the EQUAD allows the logic levels on the device inputs to be read
through the microprocessor interface, and allows the device outputs to be forced
to either logic level through the microprocessor interface.
To enable test mode 0, the IOTST bit in the Test Mode Select Register is set to
logic 1 and the following addresses must be written with 00H: 211H, 219H,
21DH, 221H, 231H, 235H, 239H, 241H, 245H, 291H, 299H, 29DH, 2A1H, 2B1H,
2B5H, 2B9H, 2C1H, 2C5H, 311H, 319H, 31DH, 321H, 331H, 335H, 339H, 341H,
345H, 391H, 399H, 39DH, 3A1H, 3B1H, 3B5H, 3B9H, 3C1H, and 3C5H. Also, to
enable input and output signals to propagate through the interface blocks, the
value 00H must be written to addresses 001H, 002H, 003H, 004H, 081H, 082H,
083H, 084H, 101H, 102H, 103H, 104H, 181H, 182H, 183H, and 184H. The
value 02H must be written to addresses 007H, 087H, 107H, and 187H.
Reading the following address locations returns the values for the indicated
inputs :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com