Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 253 Page - PMC-Sierra, Inc

Part # PM6344
Description  QUADRUPLE E1 FRAMER
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 253 Page - PMC-Sierra, Inc

Back Button PM6344 Datasheet HTML 248Page - PMC-Sierra, Inc PM6344 Datasheet HTML 249Page - PMC-Sierra, Inc PM6344 Datasheet HTML 250Page - PMC-Sierra, Inc PM6344 Datasheet HTML 251Page - PMC-Sierra, Inc PM6344 Datasheet HTML 252Page - PMC-Sierra, Inc PM6344 Datasheet HTML 253Page - PMC-Sierra, Inc PM6344 Datasheet HTML 254Page - PMC-Sierra, Inc PM6344 Datasheet HTML 255Page - PMC-Sierra, Inc PM6344 Datasheet HTML 256Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 253 / 256 page
background image
STANDARD PRODUCT
PMC-Sierra, Inc.
PM6344 EQUAD
PMC-951013
ISSUE 5
QUADRUPLE E1 FRAMER
240
20
MECHANICAL INFORMATION
Figure 51
- 128 Pin Copper Leadframe Plastic Quad Flat Pack (R Suffix)
E
1
D
E1
D1
e
8-12 DEG
A
8-12 DEG
A2
Pin 1
Designator
Nom.
Min.
Max.
Dim.
AA1
A2
D
D1
E
E1
L
e
b
ccc
PACKAGE TYPE:
BODY SIZE:
14.10
14.00
13.90
0.73
0.88
1.03
0.10
14 x 20 x 2.7 MM
2.82
3.40
0.25
0.53
2.57
2.70
2.87
22.95
23.20
23.45
19.90
20.00
20.10
16.95
17.20
17.45
0.50
0.17
0.22
0.27
SEE DETAIL A
128 PIN METRIC RECTANGULAR PLASTIC QUAD FLATPACK-MQFP
GAGE PLANE, 0.25 ABOVE SEATING PLANE.
DETAIL A
0-7 DEG
PLANE
SEATING
0.13-0.23
C
L
.25
A
0-10 DEG.
ccc
C
LEAD COPLANARITY
NOTES: 1) ALL DIMENSIONS IN MILLIMETER.
b
STANDOFF
A1
3) FOOT LENGTH "L" IS MEASURED AT
C
WITH TOLERANCES AS INDICATED.
2) DIMENSIONS SHOWN ARE NOMINAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com