Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 101Page - NXP Semiconductors LPC18S50 Datasheet HTML 102Page - NXP Semiconductors LPC18S50 Datasheet HTML 103Page - NXP Semiconductors LPC18S50 Datasheet HTML 104Page - NXP Semiconductors LPC18S50 Datasheet HTML 105Page - NXP Semiconductors LPC18S50 Datasheet HTML 106Page - NXP Semiconductors LPC18S50 Datasheet HTML 107Page - NXP Semiconductors LPC18S50 Datasheet HTML 108Page - NXP Semiconductors LPC18S50 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
105 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
11.3 Crystal oscillator
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
[3]
Indicates RMS period jitter.
[4]
PLL-induced jitter is not included.
[5]
Select HF = 0 in the XTAL_OSC_CTRL register.
[6]
Select HF = 1 in the XTAL_OSC_CTRL register.
11.4 IRC oscillator
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
11.5 RTC oscillator
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 15.
Dynamic characteristic: oscillator
Tamb = 40 C to +85 C; VDD(IO) over specified ranges; 2.2 V VDD(REG)(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
Low-frequency mode (1 MHz to 20 MHz)[5]
tjit(per)
period jitter time
5 MHz crystal
[3][4] -
13.2
-
ps
10 MHz crystal
-
6.6
-
ps
15 MHz crystal
-
4.8
-
ps
High-frequency mode (20 MHz to 25 MHz)[6]
tjit(per)
period jitter time
20 MHz crystal
[3][4] -4.3
-
ps
25 MHz crystal
-
3.7
-
ps
Table 16.
Dynamic characteristic: IRC oscillator
Tamb = 40 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator
frequency
-
11.82
12.0
12.18
MHz
Table 17.
Dynamic characteristic: RTC oscillator
Tamb = 40 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V or 2.2 V VBAT 3.6 V[1]; typical CRTCX1/2 =
20 pF; also see Section 13.3
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fi(RTC)
RTC input frequency
-
-
32.768
-
kHz
IDD(RTC)
RTC supply current
280
800
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com