Electronic Components Datasheet Search
  English  ▼

X  

LPC18S50 Datasheet(PDF) 113 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 109Page - NXP Semiconductors LPC18S50 Datasheet HTML 110Page - NXP Semiconductors LPC18S50 Datasheet HTML 111Page - NXP Semiconductors LPC18S50 Datasheet HTML 112Page - NXP Semiconductors LPC18S50 Datasheet HTML 113Page - NXP Semiconductors LPC18S50 Datasheet HTML 114Page - NXP Semiconductors LPC18S50 Datasheet HTML 115Page - NXP Semiconductors LPC18S50 Datasheet HTML 116Page - NXP Semiconductors LPC18S50 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
113 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
[1]
Tcy(clk) = (SSPCLKDIV  (1 + SCR)  CPSDVSR) / fmain. The clock cycle time derived from the SPI bit rate Tcy(clk) is a function of the
main clock frequency fmain, the SSP peripheral clock divider (SSPCLKDIV), the SSP SCR parameter (specified in the SSP0CR0
register), and the SSP CPSDVSR parameter (specified in the SSP clock prescale register).
[2]
Tcy(clk) = 12  Tcy(PCLK).
tlag
lag time
continuous transfer mode
SPI mode; CPOL = 0;
CPHA = 0
0.5Tcy(clk) + 0.2
-
-
ns
SPI mode; CPOL = 0;
CPHA = 1
Tcy(clk) + 0.2
-
-
ns
SPI mode; CPOL = 1;
CPHA = 0
0.5Tcy(clk) + 0.2
-
-
ns
SPI mode; CPOL = 1;
CPHA = 1
Tcy(clk) + 0.2
-
-
ns
synchronous serial
frame mode
Tcy(clk) + 0.2
-
-
ns
microwire frame format
0.5Tcy(clk)
--
ns
td
delay time
continuous transfer mode
SPI mode; CPOL = 0;
CPHA = 0
-
0.5 Tcy(clk)
--
SPI mode; CPOL = 0;
CPHA = 1
-n/a
-
-
SPI mode; CPOL = 1;
CPHA = 0
-
0.5 Tcy(clk)
--
SPI mode; CPOL = 1;
CPHA = 1
-n/a
-
-
synchronous serial
frame mode
-Tcy(clk)
--
microwire frame format
-
n/a
-
-
Table 22.
Dynamic characteristics: SSP pins in SPI mode
Tamb = 40 C to +85 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V; CL = 20 pF. Sampled at 10 % and 90 % of the
signal level; EHS = 1 for all pins. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com