Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 11Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 12Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 13Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 14Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 15Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
M0519
Nov. 02, 2016
Page 12 of 69
Rev 1.02
4
PARTS INFORMATION LIST AND PIN CONFIGURATION
NuMicro
® M0519 Selection Guide
4.1
4.1.1 NuMicro
® M0519 Selection Guide
Connectivity
M0519LD3AE
64
16
4
8
38
4
2
1
1
2
-
6
x2,
16-ch
2
2
v
LQFP48
M0519LE3AE
128
16
Config.
8
38
4
2
1
1
2
-
6
x2,
16-ch
2
2
v
LQFP48
M0519SD3AE
64
16
4
8
51
4
2
2
1
2
-
10
x2,
16-ch
2
2
v
LQFP64
M0519SE3AE
128
16
Config.
8
51
4
2
2
1
2
-
10
x2,
16-ch
2
2
v
LQFP64
M0519VE3AE
128
16
Config.
8
82
4
2
3
1
2
6
14
x2,
16-ch
2
3
v
LQFP100
4.1.2
NuMicro
® M0519 Naming Rule
CPU core
ARM Cortex M0
Package Type
L: LQFP 48 (7x7)
Flash ROM
D: 64 KB Flash ROM
E: 128 KB Flash ROM
Temperature
E: - 40 ℃ ~ +105℃
Version
A: Version
M0519 -
X X E
S: LQFP 64 (7x7)
X
X
SRAM Size
3: 16KB SRAM
V: LQFP 100 (14x14)
Figure 4-1 NuMicro
® M0519 Selection Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com