Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 41Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 42Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 43Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 44Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 45Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 46Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 47Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 48Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
M0519
Nov. 02, 2016
Page 45 of 69
Rev 1.02
Window Watchdog Timer (WWDT)
6.11
6.11.1 Overview
The Window Watchdog Timer is used to perform a system reset within a specified window period to
prevent software from running to uncontrollable state by any unpredictable condition usually generated
by external interferences or unexpected logical conditions.
When the window function is used to trim the watchdog behavior to match the application perfectly,
software must refresh the counter before time-out.
6.11.2 Features
6-bit down counter value WWDTCVAL (WWDTCVR[5:0]) and 6-bit compare value WINCMP
(WWDTCR[21:16]) to make the WWDT time-out window period flexible
Supports 4-bit value PERIODSEL (WWDTCR[11:8]) to programmable maximum 11-bit
prescale counter period of WWDT counter
WWDT counter suspends in Idle/Power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com