Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 60Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 61Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 62Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 63Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 64Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 65Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 66Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 67Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
M0519
Nov. 02, 2016
Page 64 of 69
Rev 1.02
Flash DC Electrical Characteristics
7.5
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
Supply Voltage
1.62
1.8
1.98
V
[2]
NENDUR
Endurance
10000
cycles
[1]
TRET
Data Retention
At 25℃
100
year
TERASE
Page Erase Time
20
ms
TMER
Mass Erase Time
40
ms
TPROG
Program Time
40
μs
IDD1
Read Current
-
0.15
0.5
mA/MHz
IDD2
Program/Erase Current
7
mA
Note : This table is guaranteed by design, not test in production.
[1] Number of program/erase cycles.
[2] VDD is source from chip LDO output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com