Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 39Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 40Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 41Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 42Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 43Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 44Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 45Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 46Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
M0519
Nov. 02, 2016
Page 43 of 69
Rev 1.02
Enhanced Input Capture Timer (ECAP)
6.9
6.9.1
Overview
This device provides up to two units of Input Capture Timer/Counter which capture function can detect
the digital edge changed signal at channel inputs. Each unit has three input capture channels. The
timer/counter is equipped with up counting, reload and compare-match capabilities.
6.9.2
Features
Up to two Input Capture Timer/Counter Units, Input Capture 0 and Input Capture 1.
Each unit has own interrupt vector
24-bit Input Capture up-counting timer/counter
With noise filter in front end of input ports
Edge detector with three options
Rising edge detection
Falling edge detection
Both edge detection
Each input channel is supported with one capture counter hold register
Captured event reset/reload capture counter option
Supports the compare-match function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com