Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 28Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 29Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 30Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 31Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 32Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 33Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 34Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 35Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
M0519
Nov. 02, 2016
Page 32 of 69
Rev 1.02
Exception Model and System Interrupt Map
6.2.6.1
Table 6-2 lists the exception model supported by the NuMicro
® M0519 Series. Software can set
four levels of priority on some of these exceptions as well as on all interrupts. The highest user-
configurable priority is denoted as “0” and the lowest priority is denoted as “3”. The default priority
of all the user-
configurable interrupts is “0”. Note that priority “0” is treated as the fourth priority on
the system, after three system
exceptions “Reset”, “NMI” and “Hard Fault”.
Exception Name
Vector Number
Priority
Reset
1
-3
NMI
2
-2
Hard Fault
3
-1
Reserved
4 ~ 10
Reserved
SVCall
11
Configurable
Reserved
12 ~ 13
Reserved
PendSV
14
Configurable
SysTick
15
Configurable
Interrupt (IRQ0 ~ IRQ31)
16 ~ 47
Configurable
Table 6-2 Exception Model
Exception
Number
Vector
Address
Interrupt Number
(Bit In Interrupt
Registers)
Interrupt
Name
Source
Module
Exception Description
Power
Down
Wake-Up
1 ~ 15
-
-
-
System exceptions
-
16
0x40
0
BOD_INT
Brown-out
Brown-out low voltage detected
interrupt
Yes
17
0x44
1
WDT_INT
WDT
Watchdog Timer interrupt
Yes
18
0x48
2
EINT0_INT
P3.2
External signal interrupt from P3.2 pin
Yes
19
0x4C
3
EINT1_INT
P3.3
External signal interrupt from P3.3 pin
Yes
20
0x50
4
GPG0_INT
P0~P4 except
P3.2 and P3.3
External interrupt from GPIO group 0
(P0~P4) except P3.2 and P3.3
Yes
21
0x54
5
GPG1_INT
P5~PA
External interrupt from GPIO group 1
(P5~PA)
Yes
22
0x58
6
BPWM0_INT
BPWM0
Basic PWM0 interrupt
No
23
0x5C
7
EADC0_INT
EADC0
EADC0 interrupt
No
24
0x60
8
TMR0_INT
TMR0
Timer 0 interrupt
No
25
0x64
9
TMR1_INT
TMR1
Timer 1 interrupt
No
26
0x68
10
TMR2_INT
TMR2
Timer 2 interrupt
No
27
0x6C
11
TMR3_INT
TMR3
Timer 3 interrupt
No
28
0x70
12
UART0_INT
UART0
UART0 interrupt
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com