Electronic Components Datasheet Search
  English  ▼

X  

M0519 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 55Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 56Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 57Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 58Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 59Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 60Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 61Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 62Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
M0519
Nov. 02, 2016
Page 59 of 69
Rev 1.02
7.3.2
Internal 22.1184 MHz Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply voltage
-
2.5
-
5.5
V
Frequency
(After calibration)
-
-
22.1184
-
MHz
+25
C; V
DD = 5V
-1
-
+1
%
-40 to +105
C;
VDD = 2.5V~5.5V
-2
-
+2
%
Operation Current
VDD =5V
-
500
-
uA
7.3.3
Internal 10 kHz Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply voltage
-
2.5
-
5.5
V
Center Frequency
-
-
10
-
kHz
Calibrated Internal Oscillator Frequency
+25℃; VDD =5 V
-30
-
+30
%
-40℃~+85℃;
VDD=2.5 V~5.5 V
-50
-
+50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com